Electronic Components Datasheet Search
  English  ▼

X  

PE4829 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4829
Description  D-Sub Plug Right Angle Contact Solder Attachment For RG174, RG316, RG187, RG188
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4829 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4829 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4829 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
D-Sub Plug Right Angle Contact Solder Attachment For RG174, RG316, RG187, RG188
Configuration
Connector
D-Sub Plug
Connector Interface Type
RG174,RG316,RG187,RG188
Cable Attachment Method (Shield/Contact)
Solder/Solder
Body Style
Right Angle
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.735 [18.67]
Width/Dia., in [mm]
0.225 [5.72]
Height, in [mm]
0.605 [15.37]
.
Weight, lbs [g]
0.006 [2.72]
Connector
Type
D-Sub Plug
Contact Material and Plating
Gold
Outer Conductor Material and Plating
Brass, Gold
Body Material and Plating
Brass, Gold
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
Plotted and Other Data
Notes:
Values at 25 °C, sea level
D-Sub Plug Right Angle Contact Solder Attachment For RG174, RG316, RG187, RG188 from Pasternack Enterprises has
same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: D-Sub Plug Right Angle Contact Solder Attachment For RG174, RG316, RG187, RG188 PE4829
URL:
http://www.pasternack.com/d-sub-plug-standard-rg174-rg316-rg187-rg188-connector-pe4829-p.aspx
PE4829
PE4829 REV 01
D-Sub Plug Right Angle Contact Solder Attachment
For RG174, RG316, RG187, RG188


Similar Part No. - PE4829

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4820 PASTERNACK-PE4820 Datasheet
93Kb / 1P
D SUBMINIA TURE RECEPTACLE RIGHT ANGLE SOLDER ATTACHMENT FOR RG58 RG141 RG303
logo
Beijing Yaohuadechang E...
PE4820-I YHDC-PE4820-I Datasheet
6Mb / 1P
PE series PCB safety isolation transformer
PE4820-M YHDC-PE4820-M Datasheet
629Kb / 1P
PE series PCB safety isolation transformer
PE4820R-M YHDC-PE4820R-M Datasheet
4Mb / 1P
PE series PCB safety isolation transformer
logo
Pasternack Enterprises,...
PE4821 PASTERNACK-PE4821 Datasheet
250Kb / 2P
D-Sub Receptacle Right Angle Contact Solder Attachment For RG174, RG316, RG187, RG188
More results

Similar Description - PE4829

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4805 PASTERNACK-PE4805 Datasheet
254Kb / 2P
D-Sub Receptacle Contact Solder Attachment For RG174, RG316, RG187, RG188
PE4817 PASTERNACK-PE4817 Datasheet
96Kb / 1P
D SUBMINIA TURE RIGHT ANGLE RECEPTACLE CRIMP ATTACHMENT FOR RG174 RG187 RG188 &RG316
PE4809 PASTERNACK-PE4809 Datasheet
280Kb / 2P
D-Sub Plug Contact Crimp/Solder Attachment For RG174, RG316, RG187, RG188
PE4821 PASTERNACK-PE4821 Datasheet
250Kb / 2P
D-Sub Receptacle Right Angle Contact Solder Attachment For RG174, RG316, RG187, RG188
PE4051 PASTERNACK-PE4051 Datasheet
285Kb / 3P
SMC Plug Right Angle Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE44401 PASTERNACK-PE44401 Datasheet
115Kb / 1P
SSMA MALE RIGHT ANGLE SOLDER ATTACHMENT FOR RG174 RG188 &RG316
PE4801 PASTERNACK-PE4801 Datasheet
203Kb / 2P
D-Sub Receptacle Contact Crimp/Solder Attachment For RG174, RG316, RG187, RG188
PE4825 PASTERNACK-PE4825 Datasheet
202Kb / 2P
D-Sub Plug Right Angle Contact Crimp/Solder Attachment For RG174, RG316, RG187, RG188
PE4898 PASTERNACK-PE4898 Datasheet
281Kb / 3P
MMCX Plug Right Angle Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4553 PASTERNACK-PE4553 Datasheet
295Kb / 3P
MCX Plug Right Angle Connector Crimp-Solder Attachment For RG174, RG316, RG188
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com