Electronic Components Datasheet Search
  English  ▼

X  

PE4834 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4834
Description  D-Sub Receptacle Right Angle Contact Solder Attachment Thru Hole PCB, .200 inch x .046 inch Hole Spacing
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4834 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4834 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4834 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4834 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
D-Sub Receptacle Right Angle Contact Solder Attachment Thru Hole PCB, .200 inch x .046 inch Hole
Spacing
Configuration
Connector
D-Sub Receptacle
Connector Interface Type
Thru Hole
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Right Angle
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.815 [20.7]
Width/Dia., in [mm]
0.224 [5.69]
Height, in [mm]
0.5 [12.7]
.
Weight, lbs [g]
0.006 [2.72]
Connector
Type
D-Sub Receptacle
Contact Material and Plating
Gold
Outer Conductor Material and Plating
Brass, Gold
Body Material and Plating
Brass, Gold
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: D-Sub Receptacle Right Angle Contact Solder Attachment Thru Hole PCB, .200 inch x
.046 inch Hole Spacing PE4834
PE4834
PE4834 REV 01
D-Sub Receptacle Right Angle Contact Solder Attachment
Thru Hole PCB, .200 inch x .046 inch Hole Spacing


Similar Part No. - PE4834

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4830 PASTERNACK-PE4830 Datasheet
247Kb / 2P
D-Sub Plug Right Angle Contact Solder Attachment For RG178, RG196
PE4831 PASTERNACK-PE4831 Datasheet
247Kb / 2P
D-Sub Plug Right Angle Contact Solder Attachment For RG180, RG195
PE4832 PASTERNACK-PE4832 Datasheet
234Kb / 2P
D-Sub Receptacle Contact Solder Attachment Thru Hole PCB, .200 inch x .046 inch Hole Spacing
PE4833 PASTERNACK-PE4833 Datasheet
214Kb / 3P
D-Sub Plug Contact Solder Attachment Thru Hole PCB, .200 inch x .046 inch Hole Spacing
PE4835 PASTERNACK-PE4835 Datasheet
236Kb / 2P
D-Sub Plug Right Angle Contact Solder Attachment Thru Hole PCB, .200 inch x .046 inch Hole Spacing
More results

Similar Description - PE4834

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4556 PASTERNACK-PE4556 Datasheet
226Kb / 3P
MCX Jack Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .052 inch Hole Spacing
PE4177 PASTERNACK-PE4177 Datasheet
259Kb / 3P
SMB Jack Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4178 PASTERNACK-PE4178 Datasheet
259Kb / 3P
SMC Jack Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4832 PASTERNACK-PE4832 Datasheet
234Kb / 2P
D-Sub Receptacle Contact Solder Attachment Thru Hole PCB, .200 inch x .046 inch Hole Spacing
PE4833 PASTERNACK-PE4833 Datasheet
214Kb / 3P
D-Sub Plug Contact Solder Attachment Thru Hole PCB, .200 inch x .046 inch Hole Spacing
PE4835 PASTERNACK-PE4835 Datasheet
236Kb / 2P
D-Sub Plug Right Angle Contact Solder Attachment Thru Hole PCB, .200 inch x .046 inch Hole Spacing
PE44830 PASTERNACK-PE44830 Datasheet
372Kb / 3P
MCX Plug Right Angle Connector Solder Attachment Thru-Hole PCB, .200 inch x .067 inch Hole Spacing
PE4118 PASTERNACK-PE4118 Datasheet
255Kb / 2P
SMA Female Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4526 PASTERNACK-PE4526 Datasheet
212Kb / 3P
SMA Male Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4118 PASTERNACK-PE4118_16 Datasheet
348Kb / 3P
SMA Female Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com