Electronic Components Datasheet Search
  English  ▼

X  

PE4835 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4835
Description  D-Sub Plug Right Angle Contact Solder Attachment Thru Hole PCB, .200 inch x .046 inch Hole Spacing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4835 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4835 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4835 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
D-Sub Plug Right Angle Contact Solder Attachment Thru Hole PCB, .200 inch x .046 inch Hole Spacing
Configuration
Connector
D-Sub Plug
Connector Interface Type
Thru Hole
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Right Angle
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.819 [20.8]
Width/Dia., in [mm]
0.224 [5.69]
Height, in [mm]
0.503 [12.78]
.
Weight, lbs [g]
0.006 [2.72]
Connector
Type
D-Sub Plug
Contact Material and Plating
Gold
Outer Conductor Material and Plating
Brass, Gold
Body Material and Plating
Brass, Gold
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
D-Sub Plug Right Angle Contact Solder Attachment Thru Hole PCB, .200 inch x .046 inch Hole Spacing from Pasternack
Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products
maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: D-Sub Plug Right Angle Contact Solder Attachment Thru Hole PCB, .200 inch x .046 inch Hole
Spacing PE4835
URL: http://www.pasternack.com/d-sub-plug-standard-thru-hole-pcb-connector-pe4835-p.aspx
PE4835
PE4835 REV 01
D-Sub Plug Right Angle Contact Solder Attachment
Thru Hole PCB, .200 inch x .046 inch Hole Spacing


Similar Part No. - PE4835

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4830 PASTERNACK-PE4830 Datasheet
247Kb / 2P
D-Sub Plug Right Angle Contact Solder Attachment For RG178, RG196
PE4831 PASTERNACK-PE4831 Datasheet
247Kb / 2P
D-Sub Plug Right Angle Contact Solder Attachment For RG180, RG195
PE4832 PASTERNACK-PE4832 Datasheet
234Kb / 2P
D-Sub Receptacle Contact Solder Attachment Thru Hole PCB, .200 inch x .046 inch Hole Spacing
PE4833 PASTERNACK-PE4833 Datasheet
214Kb / 3P
D-Sub Plug Contact Solder Attachment Thru Hole PCB, .200 inch x .046 inch Hole Spacing
PE4834 PASTERNACK-PE4834 Datasheet
241Kb / 3P
D-Sub Receptacle Right Angle Contact Solder Attachment Thru Hole PCB, .200 inch x .046 inch Hole Spacing
More results

Similar Description - PE4835

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4366 PASTERNACK-PE4366 Datasheet
234Kb / 2P
SMB Plug Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE44307 PASTERNACK-PE44307 Datasheet
252Kb / 3P
MCX Plug Connector Solder Attachment Thru Hole PCB, .200 inch x .055 inch Hole Spacing
PE4559 PASTERNACK-PE4559 Datasheet
219Kb / 3P
MCX Plug Connector Solder Attachment Thru Hole PCB, .200 inch x .055 inch Hole Spacing
PE4832 PASTERNACK-PE4832 Datasheet
234Kb / 2P
D-Sub Receptacle Contact Solder Attachment Thru Hole PCB, .200 inch x .046 inch Hole Spacing
PE4833 PASTERNACK-PE4833 Datasheet
214Kb / 3P
D-Sub Plug Contact Solder Attachment Thru Hole PCB, .200 inch x .046 inch Hole Spacing
PE4834 PASTERNACK-PE4834 Datasheet
241Kb / 3P
D-Sub Receptacle Right Angle Contact Solder Attachment Thru Hole PCB, .200 inch x .046 inch Hole Spacing
PE44830 PASTERNACK-PE44830 Datasheet
372Kb / 3P
MCX Plug Right Angle Connector Solder Attachment Thru-Hole PCB, .200 inch x .067 inch Hole Spacing
PE4246 PASTERNACK-PE4246 Datasheet
316Kb / 3P
SMC Plug Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch
PE4366 PASTERNACK-PE4366_16 Datasheet
345Kb / 3P
SMB Plug Connector Solder Attachment Thru Hole PCB .200 inch x .067 inch Hole Spacing
PE4367 PASTERNACK-PE4367_16 Datasheet
316Kb / 3P
SMC Plug Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com