Electronic Components Datasheet Search
  English  ▼

X  

PE4844 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4844
Description  D-Sub Plug Contact Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4844 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4844 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4844 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
D-Sub Plug Contact Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
Configuration
Connector
D-Sub Plug
Connector Interface Type
PE-SR402AL,PE-SR402FL,RG402
Cable Attachment Method (Shield/Contact)
Solder/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.855 [21.72]
Width/Dia., in [mm]
0.22 [5.59]
.
Weight, lbs [g]
0.006 [2.72]
Connector
Type
D-Sub Plug
Contact Material and Plating
Gold
Outer Conductor Material and Plating
Brass, Gold
Body Material and Plating
Brass, Gold
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
D-Sub Plug Contact Solder Attachment For PE-SR402AL, PE-SR402FL, RG402 from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and
are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: D-Sub Plug Contact Solder Attachment For PE-SR402AL, PE-SR402FL, RG402 PE4844
URL:
http://www.pasternack.com/d-sub-plug-standard-pe-sr402al-pe-sr402fl-rg402-connector-pe4844-p.aspx
PE4844
PE4844 REV 01
D-Sub Plug Contact Solder Attachment For
PE-SR402AL, PE-SR402FL, RG402


Similar Part No. - PE4844

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4840 PASTERNACK-PE4840 Datasheet
258Kb / 2P
D-Sub Receptacle Contact Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4841 PASTERNACK-PE4841 Datasheet
257Kb / 2P
D-Sub Receptacle Contact Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE4842 PASTERNACK-PE4842 Datasheet
96Kb / 1P
PASTERNACK ENTERPRISES
PE4843 PASTERNACK-PE4843 Datasheet
97Kb / 1P
PASTERNACK ENTERPRISES
PE4845 PASTERNACK-PE4845 Datasheet
270Kb / 2P
D-Sub Plug Contact Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
More results

Similar Description - PE4844

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4007 PASTERNACK-PE4007 Datasheet
298Kb / 2P
SMA Male Connector Solder (Without Contact) Attachment For PE-SR402AL, PE-SR402FL, RG402
PE4112 PASTERNACK-PE4112 Datasheet
262Kb / 3P
SMA Male Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE44037 PASTERNACK-PE44037 Datasheet
92Kb / 1P
D SUBMINIATURE RIGHT ANGLE PLUG SOLDER ATTACHMENT FOR RG402 PE-SR402AL &PE-SR402FL
PE4650 PASTERNACK-PE4650 Datasheet
229Kb / 3P
BNC Male Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE4839 PASTERNACK-PE4839 Datasheet
257Kb / 2P
D-Sub Receptacle Contact Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE4204 PASTERNACK-PE4204 Datasheet
105Kb / 1P
BNC FEMALE SOLDER/CLAMP ATTACHMENT FOR RG402 PE-SR402AL &PE-SR402FL
PE4987 PASTERNACK-PE4987 Datasheet
221Kb / 3P
2.92mm Male Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE4849 PASTERNACK-PE4849 Datasheet
208Kb / 2P
D-Sub Receptacle Right Angle Contact Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE44496 PASTERNACK-PE44496 Datasheet
381Kb / 3P
QMA Male Connector Solder Attachment for PE-SR402AL, PE-SR402FL, RG402
PE44599 PASTERNACK-PE44599 Datasheet
215Kb / 2P
QN Male Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com