Electronic Components Datasheet Search
  English  ▼

X  

PE4845 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4845
Description  D-Sub Plug Contact Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4845 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4845 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4845 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
D-Sub Plug Contact Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
Configuration
Connector
D-Sub Plug
Connector Interface Type
PE-SR405AL,PE-SR405FL,RG405
Cable Attachment Method (Shield/Contact)
Solder/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.855 [21.72]
Width/Dia., in [mm]
0.22 [5.59]
.
Weight, lbs [g]
0.006 [2.72]
Connector
Type
D-Sub Plug
Contact Material and Plating
Gold
Outer Conductor Material and Plating
Brass, Gold
Body Material and Plating
Brass, Gold
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
D-Sub Plug Contact Solder Attachment For PE-SR405AL, PE-SR405FL, RG405 from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and
are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: D-Sub Plug Contact Solder Attachment For PE-SR405AL, PE-SR405FL, RG405 PE4845
URL:
http://www.pasternack.com/d-sub-plug-standard-pe-sr405al-pe-sr405fl-rg405-connector-pe4845-p.aspx
PE4845
PE4845 REV 01
D-Sub Plug Contact Solder Attachment For
PE-SR405AL, PE-SR405FL, RG405


Similar Part No. - PE4845

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4840 PASTERNACK-PE4840 Datasheet
258Kb / 2P
D-Sub Receptacle Contact Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4841 PASTERNACK-PE4841 Datasheet
257Kb / 2P
D-Sub Receptacle Contact Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE4842 PASTERNACK-PE4842 Datasheet
96Kb / 1P
PASTERNACK ENTERPRISES
PE4843 PASTERNACK-PE4843 Datasheet
97Kb / 1P
PASTERNACK ENTERPRISES
PE4844 PASTERNACK-PE4844 Datasheet
270Kb / 2P
D-Sub Plug Contact Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
More results

Similar Description - PE4845

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44382 PASTERNACK-PE44382 Datasheet
292Kb / 2P
SSMA Male Connector Solder (Without Contact) Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4356 PASTERNACK-PE4356 Datasheet
99Kb / 1P
SMB PLUG SOLDER ATTACHMENT FOR RG405 PE-SR405AL & PE-SR405FL
PE4840 PASTERNACK-PE4840 Datasheet
258Kb / 2P
D-Sub Receptacle Contact Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE44038 PASTERNACK-PE44038 Datasheet
212Kb / 2P
D-Sub Plug Right Angle Contact Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE44038 PASTERNACK-PE44038 Datasheet
212Kb / 2P
D-Sub Plug Right Angle Contact Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4876 PASTERNACK-PE4876 Datasheet
223Kb / 3P
MCX Plug Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE44033 PASTERNACK-PE44033 Datasheet
206Kb / 2P
D-Sub Receptacle Right Angle Contact Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE44453 PASTERNACK-PE44453 Datasheet
211Kb / 2P
MMCX Plug Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4357 PASTERNACK-PE4357 Datasheet
208Kb / 2P
SMC Plug Connector Clamp - Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE44977 PASTERNACK-PE44977 Datasheet
222Kb / 3P
SMC Plug Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com