Electronic Components Datasheet Search
  English  ▼

X  

PE4890 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4890
Description  MCX Jack Right Angle Connector Solder Attachment Surface Mount PCB
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4890 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4890 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4890 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4890 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
MCX Jack Right Angle Connector Solder
Attachment Surface Mount PCB
MCX Jack Right Angle Connector Solder Attachment Surface Mount PCB
Configuration
Connector
MCX Jack
Connector Interface Type
Surface Mount
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Right Angle
Electrical Specifications
Frequency Range, GHz
DC to 6
Impedance, Ohms
50
Maximum Operating Voltage, Volts
335
Dielectric Withstanding Voltage, Vrms
1,000
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
0.374 [9.5]
Width/Dia., in [mm]
0.236 [6]
Height, in [mm]
0.223 [5.66]
.
Weight, lbs [g]
0.004 [1.81]
Connector
Type
MCX Jack
Mating Cycles
500
Contact Material and Plating
Beryllium Copper, Gold
Contact Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Gold
Body Plating Specification
10µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: MCX Jack Right Angle Connector Solder Attachment Surface Mount PCB PE4890
PE4890
PE4890 REV


Similar Part No. - PE4890

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4891 PASTERNACK-PE4891 Datasheet
460Kb / 3P
MCX Jack Connector Solder Attachment 2 Hole Flange Solder Cup Terminal, .328 inch Hole Spacing
PE4892 PASTERNACK-PE4892 Datasheet
242Kb / 2P
MCX Jack Connector Solder Attachment 0.062 inch End Launch PCB
PE4893 PASTERNACK-PE4893 Datasheet
221Kb / 3P
MCX Jack Connector Solder Attachment 0.042 inch End Launch PCB
PE4894 PASTERNACK-PE4894 Datasheet
282Kb / 2P
MCX Jack Connector Solder Attachment 2 Hole Flange Pin Terminal, .328 inch Hole Spacing
PE4895 PASTERNACK-PE4895 Datasheet
219Kb / 3P
MCX Jack Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .232 inch Hole Spacing
More results

Similar Description - PE4890

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44121 PASTERNACK-PE44121 Datasheet
242Kb / 3P
SMB Jack Right Angle Connector Solder Attachment Surface Mount PCB
PE4889 PASTERNACK-PE4889 Datasheet
214Kb / 2P
MCX Jack Connector Solder Attachment Surface Mount PCB
PE44302 PASTERNACK-PE44302 Datasheet
219Kb / 3P
75 Ohm MCX Jack Connector Solder Attachment Surface Mount PCB
PE44613 PASTERNACK-PE44613 Datasheet
203Kb / 2P
MCX Plug Connector Solder Attachment Surface Mount PCB
PE44660 PASTERNACK-PE44660 Datasheet
226Kb / 3P
MCX Jack Connector Solder Attachment Surface Mount PCB, Switching Connector
PE44661 PASTERNACK-PE44661 Datasheet
228Kb / 3P
MCX Jack Connector Solder Attachment End Launch PCB
PE44122 PASTERNACK-PE44122 Datasheet
221Kb / 3P
SMC Jack Right Angle Connector Solder Attachment Surface Mount PCB
PE4555 PASTERNACK-PE4555_16 Datasheet
318Kb / 3P
MCX Jack Connector Solder Attachment Thru Hole PCB
PE4556 PASTERNACK-PE4556_17 Datasheet
362Kb / 4P
MCX Jack Right Angle Connector Solder Attachment Thru Hole PCB
PE45377 PASTERNACK-PE45377 Datasheet
364Kb / 4P
SSMC Jack Right Angle Connector Solder Attachment Surface Mount PCB
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com