Electronic Components Datasheet Search
  English  ▼

X  

PE4952 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4952
Description  C Male Connector Clamp-Solder Attachment For RG59, RG62
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4952 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4952 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4952 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4952 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
C Male Connector Clamp/Solder Attachment For RG59, RG62
Configuration
Connector
C Male
Connector Specification
MIL-C-39012
Connector Interface Type
RG59,RG62
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
1.37 [34.8]
Width/Dia., in [mm]
0.75 [19.05]
.
Weight, lbs [g]
0.082 [37.19]
Connector
Type
C Male
Contact Material and Plating
Silver
Contact Plating Specification
QQ-S-365
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: C Male Connector Clamp/Solder Attachment For RG59, RG62 PE4952
PE4952
PE4952 REV 01
C Male Connector Clamp/Solder Attachment For RG59, RG62


Similar Part No. - PE4952

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4950 PASTERNACK-PE4950 Datasheet
229Kb / 2P
C Male Connector Clamp/Solder Attachment For RG213,RG214, RG8, RG9, RG11, RG225, RG393, High Voltage
PE4951 PASTERNACK-PE4951 Datasheet
270Kb / 3P
C Male Connector Clamp/Solder Attachment For RG14, RG217
PE4953 PASTERNACK-PE4953 Datasheet
340Kb / 2P
RF Connectors Technical Data Sheet
PE4954 PASTERNACK-PE4954 Datasheet
226Kb / 2P
C Male Connector Clamp-Solder Attachment For RG218
PE4955 PASTERNACK-PE4955 Datasheet
84Kb / 1P
PASTERNACK ENTERPRISES
More results

Similar Description - PE4952

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4331 PASTERNACK-PE4331 Datasheet
312Kb / 2P
N Male Connector Clamp/Solder Attachment For RG59, RG62
PE4962 PASTERNACK-PE4962 Datasheet
260Kb / 2P
C Female Connector Clamp/Solder Attachment For RG59, RG62
PE4227 PASTERNACK-PE4227 Datasheet
317Kb / 2P
MHV Male Right Angle Connector Clamp/Solder Attachment For RG59, RG62
PE4717 PASTERNACK-PE4717 Datasheet
261Kb / 2P
RP BNC Male Connector Clamp/Solder Attachment For RG59, RG62
PE4479 PASTERNACK-PE4479 Datasheet
272Kb / 3P
HN Male Connector Clamp/Solder Attachment For RG59, RG62
PE4024 PASTERNACK-PE4024 Datasheet
317Kb / 2P
BNC Male Connector Clamp/Solder Attachment For RG59, RG62
PE4154 PASTERNACK-PE4154 Datasheet
225Kb / 3P
TNC Male Connector Clamp/Solder Attachment For RG59, RG62
PE4511 PASTERNACK-PE4511 Datasheet
224Kb / 3P
75 Ohm N Male Connector Clamp/Solder Attachment For RG59, RG62
PE4320 PASTERNACK-PE4320 Datasheet
206Kb / 2P
BNC Male Right Angle Connector Clamp - Solder Attachment For RG59, RG62
PE4452 PASTERNACK-PE4452 Datasheet
206Kb / 2P
TNC Male Right Angle Connector Clamp - Solder Attachment For RG59, RG62
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com