Electronic Components Datasheet Search
  English  ▼

X  

PE4957 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4957
Description  C Male Right Angle Connector Clamp-Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4957 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4957 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4957 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4957 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
C Male Right Angle Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223,
RG400
Configuration
Connector
C Male
Connector Specification
MIL-C-39012
Connector Interface Type
RG58,RG55,RG141,RG142,RG223,RG400
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Right Angle
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
1.76 [44.7]
Width/Dia., in [mm]
0.75 [19.05]
Height, in [mm]
1.303 [33.1]
.
Weight, lbs [g]
0.144 [65.32]
Connector
Type
C Male
Contact Material and Plating
Silver
Contact Plating Specification
QQ-S-365
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: C Male Right Angle Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142,
RG223, RG400 PE4957
PE4957
PE4957 REV 01
C Male Right Angle Connector Clamp/Solder Attachment
For RG58, RG55, RG141, RG142, RG223, RG400


Similar Part No. - PE4957

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4950 PASTERNACK-PE4950 Datasheet
229Kb / 2P
C Male Connector Clamp/Solder Attachment For RG213,RG214, RG8, RG9, RG11, RG225, RG393, High Voltage
PE4951 PASTERNACK-PE4951 Datasheet
270Kb / 3P
C Male Connector Clamp/Solder Attachment For RG14, RG217
PE4952 PASTERNACK-PE4952 Datasheet
237Kb / 3P
C Male Connector Clamp-Solder Attachment For RG59, RG62
PE4953 PASTERNACK-PE4953 Datasheet
340Kb / 2P
RF Connectors Technical Data Sheet
PE4954 PASTERNACK-PE4954 Datasheet
226Kb / 2P
C Male Connector Clamp-Solder Attachment For RG218
More results

Similar Description - PE4957

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4242 PASTERNACK-PE4242 Datasheet
300Kb / 2P
C Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4054 PASTERNACK-PE4054 Datasheet
279Kb / 3P
TNC Male Right Angle Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4053 PASTERNACK-PE4053 Datasheet
277Kb / 3P
BNC Male Right Angle Connector Clamp/Solder Attachment For RG55, RG58, RG141, RG142, RG223, RG400
PE4067 PASTERNACK-PE4067 Datasheet
315Kb / 2P
TNC Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4978 PASTERNACK-PE4978 Datasheet
279Kb / 3P
SC Male Right Angle Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4135 PASTERNACK-PE4135 Datasheet
276Kb / 3P
N Male Right Angle Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE44052 PASTERNACK-PE44052 Datasheet
274Kb / 2P
UHF Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4198 PASTERNACK-PE4198 Datasheet
309Kb / 3P
HN Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4480 PASTERNACK-PE4480 Datasheet
223Kb / 3P
HN Male Right Angle Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4226 PASTERNACK-PE4226 Datasheet
409Kb / 3P
MHV Male Right Angle Connector Clamp - Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com