Electronic Components Datasheet Search
  English  ▼

X  

PE4959 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4959
Description  C Male Right Angle Connector Crimp-Solder Attachment For RG58
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4959 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4959 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4959 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4959 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
C Male Right Angle Connector Crimp/Solder Attachment For RG58
Configuration
Connector
C Male
Connector Specification
MIL-C-39012
Connector Interface Type
RG58
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Right Angle
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
1.975 [50.17]
Width/Dia., in [mm]
0.75 [19.05]
Height, in [mm]
1.305 [33.15]
.
Weight, lbs [g]
0.13 [58.97]
Connector
Type
C Male
Contact Material and Plating
Silver
Contact Plating Specification
QQ-S-365
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: C Male Right Angle Connector Crimp/Solder Attachment For RG58 PE4959
PE4959
PE4959 REV 01
C Male Right Angle Connector Crimp/Solder Attachment For RG58


Similar Part No. - PE4959

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4950 PASTERNACK-PE4950 Datasheet
229Kb / 2P
C Male Connector Clamp/Solder Attachment For RG213,RG214, RG8, RG9, RG11, RG225, RG393, High Voltage
PE4951 PASTERNACK-PE4951 Datasheet
270Kb / 3P
C Male Connector Clamp/Solder Attachment For RG14, RG217
PE4952 PASTERNACK-PE4952 Datasheet
237Kb / 3P
C Male Connector Clamp-Solder Attachment For RG59, RG62
PE4953 PASTERNACK-PE4953 Datasheet
340Kb / 2P
RF Connectors Technical Data Sheet
PE4954 PASTERNACK-PE4954 Datasheet
226Kb / 2P
C Male Connector Clamp-Solder Attachment For RG218
More results

Similar Description - PE4959

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4405 PASTERNACK-PE4405 Datasheet
283Kb / 3P
SMA Male Right Angle Connector Crimp/ Solder Attachment For RG58
PE4451 PASTERNACK-PE4451 Datasheet
297Kb / 3P
TNC Male Right Angle Connector Crimp/ Solder Attachment For RG58
PE4678 PASTERNACK-PE4678 Datasheet
226Kb / 2P
RP TNC Male Right Angle Connector Crimp/ Solder Attachment For RG58
PE4298 PASTERNACK-PE4298 Datasheet
288Kb / 2P
BNC Male Right Angle Connector Crimp/ Crimp Attachment For RG58
PE4730 PASTERNACK-PE4730 Datasheet
230Kb / 3P
RP BNC Male Right Angle Connector Crimp - Solder Attachment For RG58
PE44082 PASTERNACK-PE44082 Datasheet
261Kb / 2P
Mini UHF Male Right Angle Connector Crimp - Solder Attachment For RG58
PE44506 PASTERNACK-PE44506 Datasheet
212Kb / 2P
QMA Male Right Angle Connector Crimp - Solder Attachment For RG58, RG141
PE44601 PASTERNACK-PE44601 Datasheet
237Kb / 3P
QN Male Right Angle Connector Crimp - Solder Attachment For RG58, RG141, RG303
PE4215 PASTERNACK-PE4215 Datasheet
262Kb / 3P
SMA Male Connector Crimp - Solder Attachment For RG58
PE4156 PASTERNACK-PE4156 Datasheet
268Kb / 3P
TNC Male Connector Crimp - Solder Attachment For RG58
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com