Electronic Components Datasheet Search
  English  ▼

X  

PE44033 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44033
Description  D-Sub Receptacle Right Angle Contact Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44033 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44033 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44033 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
D-Sub Receptacle Right Angle Contact Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
Configuration
Connector
D-Sub Receptacle
Connector Interface Type
PE-SR405AL,PE-SR405FL,RG405
Cable Attachment Method (Shield/Contact)
Solder/Solder
Body Style
Right Angle
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.765 [19.43]
Height, in [mm]
0.47 [11.94]
.
Weight, lbs [g]
0.006 [2.72]
Connector
Type
D-Sub Receptacle
Contact Material and Plating
Gold
Body Material and Plating
Brass, Gold
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
D-Sub Receptacle Right Angle Contact Solder Attachment For PE-SR405AL, PE-SR405FL, RG405 from Pasternack
Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products
maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: D-Sub Receptacle Right Angle Contact Solder Attachment For PE-SR405AL, PE-SR405FL,
RG405 PE44033
URL:
http://www.pasternack.com/d-sub-receptacle-standard-pe-sr405al-pe-sr405fl-rg405-connector-pe44033-p.aspx
PE44033
PE44033 REV 01
D-Sub Receptacle Right Angle Contact Solder
Attachment For PE-SR405AL, PE-SR405FL, RG405


Similar Part No. - PE44033

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4403 PASTERNACK-PE4403 Datasheet
121Kb / 1P
SMA MALE SOLDER/CLAMP
PE44030 PASTERNACK-PE44030 Datasheet
172Kb / 2P
SMA Male Field Replaceable Connector With EMI Gasket 2 Hole Flange 0.018 inch Pin
PE44031 PASTERNACK-PE44031 Datasheet
243Kb / 3P
SMA Male Connector Field Replaceable Attachment 2 Hole Flange 0.020 inch Pin
PE44032 PASTERNACK-PE44032 Datasheet
210Kb / 3P
SMA Male Connector Field Replaceable Attachment 2 Hole Flange 0.036 inch Pin
PE44034 PASTERNACK-PE44034 Datasheet
835Kb / 2P
D-Sub Receptacle Right Angle Contact Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
More results

Similar Description - PE44033

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44384 PASTERNACK-PE44384 Datasheet
222Kb / 3P
SSMA Male Right Angle Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4356 PASTERNACK-PE4356 Datasheet
99Kb / 1P
SMB PLUG SOLDER ATTACHMENT FOR RG405 PE-SR405AL & PE-SR405FL
PE4025 PASTERNACK-PE4025 Datasheet
501Kb / 3P
SMA Male Right Angle Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4840 PASTERNACK-PE4840 Datasheet
258Kb / 2P
D-Sub Receptacle Contact Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE44038 PASTERNACK-PE44038 Datasheet
212Kb / 2P
D-Sub Plug Right Angle Contact Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE44038 PASTERNACK-PE44038 Datasheet
212Kb / 2P
D-Sub Plug Right Angle Contact Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4877 PASTERNACK-PE4877 Datasheet
221Kb / 3P
MCX Plug Right Angle Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4845 PASTERNACK-PE4845 Datasheet
270Kb / 2P
D-Sub Plug Contact Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE44497 PASTERNACK-PE44497 Datasheet
372Kb / 3P
QMA Male Right Angle Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE45239 PASTERNACK-PE45239 Datasheet
680Kb / 3P
BNC Male Right Angle Connector Solder Attachment for PE-SR405AL, PE-SR405FL, RG405
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com