Electronic Components Datasheet Search
  English  ▼

X  

PE44098 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44098
Description  C Female Bulkhead Connector Clamp-Solder Attachment For RG59, RG62, .596 inch D Hole
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44098 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44098 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44098 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
C Female Bulkhead Connector Clamp/Solder Attachment For RG59, RG62, .596 inch D Hole
Configuration
Connector
C Female
Connector Interface Type
RG59,RG62
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
1.28 [32.51]
Width/Dia., in [mm]
0.75 [19.05]
.
Weight, lbs [g]
0.068 [30.84]
Connector
Type
C Female
Contact Material and Plating
Silver
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
C Female Bulkhead Connector Clamp/Solder Attachment For RG59, RG62, .596 inch D Hole from Pasternack Enterprises
has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: C Female Bulkhead Connector Clamp/Solder Attachment For RG59, RG62, .596 inch D Hole
PE44098
URL: http://www.pasternack.com/c-female-standard-rg59-rg62-connector-pe44098-p.aspx
PE44098
PE44098 REV 01
C Female Bulkhead Connector Clamp/Solder
Attachment For RG59, RG62, .596 inch D Hole


Similar Part No. - PE44098

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4409 PASTERNACK-PE4409 Datasheet
116Kb / 1P
SMA MALE RIGHT ANGLE SOLER ATTACHMENT FOR RG188-DS & RG315-DS
PE4409 PASTERNACK-PE4409 Datasheet
368Kb / 3P
SMA Male Right Angle Connector Solder Attachment
PE44090 PASTERNACK-PE44090 Datasheet
203Kb / 2P
Mini UHF Male Connector Crimp - Solder Attachment For RG174, RG316, RG188
PE44091 PASTERNACK-PE44091 Datasheet
238Kb / 2P
Mini UHF Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .437 inch Hole Spacing
PE44092 PASTERNACK-PE44092 Datasheet
241Kb / 2P
Mini UHF Female Bulkhead Connector Solder Attachment Thru Hole PCB, .380 inch Diameter
More results

Similar Description - PE44098

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44109 PASTERNACK-PE44109 Datasheet
236Kb / 2P
MHV Female Bulkhead Connector Clamp/ Solder Attachment For RG59, RG62
PE4697 PASTERNACK-PE4697 Datasheet
854Kb / 2P
RP TNC Female Bulkhead Connector Clamp/Solder Attachment For RG59, RG62, .480 inch D Hole
PE4962 PASTERNACK-PE4962 Datasheet
260Kb / 2P
C Female Connector Clamp/Solder Attachment For RG59, RG62
PE4310 PASTERNACK-PE4310 Datasheet
228Kb / 3P
BNC Female Bulkhead Connector Clamp/Solder Attachment For RG59, RG62, .480 inch D Hole
PE4749 PASTERNACK-PE4749 Datasheet
273Kb / 2P
RP BNC Female Bulkhead Connector Clamp/Solder Attachment For RG59, RG62, .480 inch D Hole
PE4297 PASTERNACK-PE4297 Datasheet
228Kb / 3P
N Female Bulkhead Connector Clamp/Solder Attachment For RG59, RG62, .640 inch DD Hole
PE4315 PASTERNACK-PE4315 Datasheet
302Kb / 2P
SHV Jack Bulkhead Connector Clamp/Solder Attachment For RG59, RG62, .480 inch D Hole
PE4952 PASTERNACK-PE4952 Datasheet
237Kb / 3P
C Male Connector Clamp-Solder Attachment For RG59, RG62
PE4966 PASTERNACK-PE4966 Datasheet
228Kb / 2P
C Female Bulkhead Connector Clamp-Solder Attachment For RG59, RG62, .720 inch D Hole
PE4464 PASTERNACK-PE4464 Datasheet
228Kb / 3P
TNC Female Bulkhead Connector Clamp - Solder Attachment For RG59, RG62, .480 inch D Hole
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com