Electronic Components Datasheet Search
  English  ▼

X  

PE44304 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44304
Description  75 Ohm MCX Jack Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .055 inch Hole Spacing
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44304 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44304 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44304 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44304 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
MCX Jack
Connector Interface Type
Thru Hole
Attachment Method (Shield/Contact)
Solder
Body Style
Right Angle
Electrical Specifications
Frequency Range
DC to 6 GHz
Impedance
75 Ohms
Maximum Operating Voltage
335 Volts
Dielectric Withstanding Voltage
1,000 Vrms
Mechanical Specifications
Temperature
Operating Range
-65 to +165 deg C
Size
Length
0.375 in [9.53 mm]
Width/Dia.
0.236 in [5.99 mm]
Height
0.368 in [9.35 mm]
.
Weight
0.005 lbs [2.27 g]
Connector
Type
MCX Jack
Mating Cycles
500
Contact Material and Plating
Beryllium Copper, Gold
Contact Plating Specification
3µ in. minimum
Body Material and Plating
Brass, Gold
Body Plating Specification
1µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
06/18/2012
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm MCX Jack Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x
.055 inch Hole Spacing PE44304
PE44304
PE44304 REV 1.1
75 Ohm MCX Jack Right Angle Connector Solder Attachment
Thru Hole PCB, .200 inch x .055 inch Hole Spacing


Similar Part No. - PE44304

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4430 PASTERNACK-PE4430 Datasheet
372Kb / 3P
N Male Connector Crimp-Solder Attachment for RG213, RG8
PE4430 PASTERNACK-PE4430 Datasheet
349Kb / 3P
N Male Connector Crimp/Solder Attachment
PE44300 PASTERNACK-PE44300 Datasheet
267Kb / 3P
MCX Jack Connector Crimp/Solder Attachment For RG178, RG196
PE44301 PASTERNACK-PE44301 Datasheet
270Kb / 3P
MCX Jack Bulkhead Connector Crimp/Solder Attachment For RG179, RG187, .177 inch D Hole
PE44302 PASTERNACK-PE44302 Datasheet
219Kb / 3P
75 Ohm MCX Jack Connector Solder Attachment Surface Mount PCB
More results

Similar Description - PE44304

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44258 PASTERNACK-PE44258 Datasheet
249Kb / 3P
1.0/2.3 Jack Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .055 inch Hole Spacing
PE44307 PASTERNACK-PE44307 Datasheet
252Kb / 3P
MCX Plug Connector Solder Attachment Thru Hole PCB, .200 inch x .055 inch Hole Spacing
PE4110 PASTERNACK-PE4110 Datasheet
220Kb / 3P
75 Ohm SMB Jack Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4559 PASTERNACK-PE4559 Datasheet
219Kb / 3P
MCX Plug Connector Solder Attachment Thru Hole PCB, .200 inch x .055 inch Hole Spacing
PE4556 PASTERNACK-PE4556 Datasheet
226Kb / 3P
MCX Jack Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .052 inch Hole Spacing
PE44303 PASTERNACK-PE44303 Datasheet
202Kb / 2P
MCX Jack Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4180 PASTERNACK-PE4180 Datasheet
212Kb / 2P
75 Ohm SMC Jack Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4179 PASTERNACK-PE4179 Datasheet
245Kb / 3P
75 Ohm SMB Jack Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE44257 PASTERNACK-PE44257 Datasheet
220Kb / 2P
1.0-2.3 Jack Connector Solder Attachment Thru Hole PCB, .200 inch x .055 inch Hole Spacing
PE4555 PASTERNACK-PE4555 Datasheet
204Kb / 2P
MCX Jack Connector Solder Attachment Thru Hole PCB, .200 inch x .052 inch Hole Spacing
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com