Electronic Components Datasheet Search
  English  ▼

X  

PE44305 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44305
Description  75 Ohm MCX Jack Connector Solder Attachment 0.068 inch End Launch PCB
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44305 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44305 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44305 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
MCX Jack
Connector Interface Type
.068 inch End Launch
Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Electrical Specifications
Impedance
75 Ohms
Mechanical Specifications
Size
Length
0.361 in [9.17 mm]
Width/Dia.
0.25 in [6.35 mm]
Height
0.25 in [6.35 mm]
.
Weight
0.004 lbs [1.81 g]
Connector
Type
MCX Jack
Contact Material and Plating
Gold
Body Material and Plating
Brass, Gold
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
Not RoHS Compliant
Plotted and Other Data
Notes:
• Values at +25 °C, sea level
75 Ohm MCX Jack Connector Solder Attachment 0.068 inch End Launch PCB from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99% availability
and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm MCX Jack Connector Solder Attachment 0.068 inch End Launch PCB PE44305
URL: http://www.pasternack.com/mcx-jack-standard-0.068-end-launch-connector-pe44305-p.aspx
PE44305
PE44305 REV 1.1
75 Ohm MCX Jack Connector Solder
Attachment 0.068 inch End Launch PCB


Similar Part No. - PE44305

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4430 PASTERNACK-PE4430 Datasheet
372Kb / 3P
N Male Connector Crimp-Solder Attachment for RG213, RG8
PE4430 PASTERNACK-PE4430 Datasheet
349Kb / 3P
N Male Connector Crimp/Solder Attachment
PE44300 PASTERNACK-PE44300 Datasheet
267Kb / 3P
MCX Jack Connector Crimp/Solder Attachment For RG178, RG196
PE44301 PASTERNACK-PE44301 Datasheet
270Kb / 3P
MCX Jack Bulkhead Connector Crimp/Solder Attachment For RG179, RG187, .177 inch D Hole
PE44302 PASTERNACK-PE44302 Datasheet
219Kb / 3P
75 Ohm MCX Jack Connector Solder Attachment Surface Mount PCB
More results

Similar Description - PE44305

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44131 PASTERNACK-PE44131 Datasheet
256Kb / 3P
75 Ohm Mini SMB Jack Connector Solder Attachment 0.062 inch End Launch PCB
PE44134 PASTERNACK-PE44134 Datasheet
266Kb / 2P
75 Ohm Mini SMB Jack Connector Solder Attachment 0.042 inch End Launch PCB
PE4892 PASTERNACK-PE4892 Datasheet
242Kb / 2P
MCX Jack Connector Solder Attachment 0.062 inch End Launch PCB
PE4893 PASTERNACK-PE4893 Datasheet
221Kb / 3P
MCX Jack Connector Solder Attachment 0.042 inch End Launch PCB
PE44620 PASTERNACK-PE44620 Datasheet
215Kb / 2P
75 Ohm BNC Female Bulkhead Connector Solder Attachment End Launch PCB, .500 inch Diameter
PE44619 PASTERNACK-PE44619 Datasheet
209Kb / 2P
75 Ohm BNC Female Connector Solder Attachment End Launch PCB
PE44302 PASTERNACK-PE44302 Datasheet
219Kb / 3P
75 Ohm MCX Jack Connector Solder Attachment Surface Mount PCB
PE44377 PASTERNACK-PE44377 Datasheet
227Kb / 3P
RP MCX Jack Bulkhead Connector Solder Attachment End Launch PCB, .177 inch D Hole
PE44661 PASTERNACK-PE44661 Datasheet
228Kb / 3P
MCX Jack Connector Solder Attachment End Launch PCB
PE45211 PASTERNACK-PE45211 Datasheet
340Kb / 3P
75 Ohm MCX Jack Connector Solder Attachment .072 inch End Launch PCB
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com