Electronic Components Datasheet Search
  English  ▼

X  

PE44311 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44311
Description  MC-Card Plug Right Angle Connector Crimp - Solder Attachment For RG178, RG196
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44311 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44311 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44311 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
MC-Card Plug Right Angle Connector Crimp/
Solder Attachment For RG178, RG196
MC-Card Plug Right Angle Connector Crimp/Solder Attachment For RG178, RG196
Configuration
Connector
MC-Card Plug
Connector Interface Type
RG178,RG196
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Right Angle
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.415 [10.54]
Width/Dia., in [mm]
0.219 [6]
Height, in [mm]
0.35 [8.89]
.
Weight, lbs [g]
0.004 [1.81]
Connector
Type
MC-Card Plug
Contact Material and Plating
Phosphor Bronze, Gold
Contact Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/mc-card-plug-standard-rg178-rg196-connector-pe44311-p.aspx
MC-Card Plug Right Angle Connector Crimp/Solder Attachment For RG178, RG196 from Pasternack Enterprises has same
day shipment for domestic and International orders. We maintain 99% availability of the industry’s broadest selection of RF,
microwave and fiber optic products.
PE44311
PE44311 REV


Similar Part No. - PE44311

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4431 PASTERNACK-PE4431 Datasheet
128Kb / 1P
N MALE CLAMP ATTACHMENT
PE44310 PASTERNACK-PE44310 Datasheet
207Kb / 2P
MC-Card Plug Connector Crimp-Solder Attachment For RG178, RG196
PE44312 PASTERNACK-PE44312 Datasheet
275Kb / 3P
75 Ohm F Male Connector Crimp/Solder Attachment For RG6
PE44313 PASTERNACK-PE44313 Datasheet
354Kb / 3P
75 Ohm F Male Connector Crimp/Solder Attachment for RG6-CATV, 3 Pieces Connector
PE44314 PASTERNACK-PE44314 Datasheet
248Kb / 2P
75 Ohm F Male Connector Twist Attachment For RG6
More results

Similar Description - PE44311

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4074 PASTERNACK-PE4074 Datasheet
304Kb / 2P
SMC Plug Connector Crimp/Solder Attachment For RG178, RG196
PE4554 PASTERNACK-PE4554 Datasheet
286Kb / 3P
MCX Plug Right Angle Connector Crimp/ Solder Attachment For RG178, RG196
PE4899 PASTERNACK-PE4899 Datasheet
306Kb / 3P
MMCX Plug Right Angle Connector Crimp/ Solder Attachment For RG178, RG196
PE4159 PASTERNACK-PE4159 Datasheet
282Kb / 2P
SMB Plug Right Angle Connector Crimp/ Solder Attachment For RG178, RG196
PE4160 PASTERNACK-PE4160 Datasheet
282Kb / 2P
SMC Plug Right Angle Connector Crimp/ Solder Attachment For RG178, RG196
PE4335 PASTERNACK-PE4335 Datasheet
204Kb / 2P
SSMB Plug Right Angle Connector Crimp/ Solder Attachment For RG178, RG196
PE44372 PASTERNACK-PE44372 Datasheet
595Kb / 3P
RP MCX Plug Right Angle Connector Crimp Solder Attachment For RG178, RG196
PE44310 PASTERNACK-PE44310 Datasheet
207Kb / 2P
MC-Card Plug Connector Crimp-Solder Attachment For RG178, RG196
PE45195 PASTERNACK-PE45195 Datasheet
338Kb / 3P
SSMB Plug Right Angle Connector Crimp - Solder Attachment for RG178, RG196
PE45381 PASTERNACK-PE45381 Datasheet
379Kb / 5P
SSMC Plug Right Angle Connector Crimp Solder Attachment for RG178, RG196
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com