Electronic Components Datasheet Search
  English  ▼

X  

PE44377 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44377
Description  RP MCX Jack Bulkhead Connector Solder Attachment End Launch PCB, .177 inch D Hole
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44377 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44377 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44377 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44377 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
RP MCX Jack Bulkhead Connector Solder Attachment End Launch PCB, .177 inch D Hole
Configuration
Connector
MCX Jack Reverse Polarity
Connector Specification
MIL-C-39012
Connector Interface Type
End Launch
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Frequency Range, GHz
DC to 6
Impedance, Ohms
50
Maximum Operating Voltage, Volts
335
Dielectric Withstanding Voltage, Vrms
1,000
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
0.48 [12.19]
Width/Dia., in [mm]
0.25 [6.35]
Height, in [mm]
0.25 [6.35]
.
Weight, lbs [g]
0.004 [1.81]
Connector
Type
MCX Jack Reverse Polarity
Mating Cycles
500
Contact Material and Plating
Brass, Gold
Contact Plating Specification
30µ in minimum
Body Material and Plating
Brass, Gold
Body Plating Specification
10µ in minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: RP MCX Jack Bulkhead Connector Solder Attachment End Launch PCB, .177 inch D Hole
PE44377
PE44377
PE44377 REV 01
RP MCX Jack Bulkhead Connector Solder
Attachment End Launch PCB, .177 inch D Hole


Similar Part No. - PE44377

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4437 PASTERNACK-PE4437 Datasheet
117Kb / 1P
N FEMALE CLAMP ATTACHMENT FOR RG174 RG188 & RG316
PE44370 PASTERNACK-PE44370 Datasheet
221Kb / 3P
RP MCX Plug Connector Crimp-Solder Attachment For RG178, RG196
PE44371 PASTERNACK-PE44371 Datasheet
204Kb / 2P
RP MCX Plug Right Angle Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE44372 PASTERNACK-PE44372 Datasheet
595Kb / 3P
RP MCX Plug Right Angle Connector Crimp Solder Attachment For RG178, RG196
PE44373 PASTERNACK-PE44373 Datasheet
205Kb / 2P
RP MCX Jack Bulkhead Connector Crimp/Solder Attachment For RG174, RG316, RG188, .177 inch D Hole
More results

Similar Description - PE44377

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44376 PASTERNACK-PE44376 Datasheet
258Kb / 3P
RP MCX Jack Right Angle Bulkhead Connector Solder Attachment Thru Hole PCB, .177 inch D Hole
PE4886 PASTERNACK-PE4886 Datasheet
262Kb / 3P
MCX Jack Bulkhead Connector Crimp/Solder Attachment For RG178, RG196, .177 inch D Hole
PE44373 PASTERNACK-PE44373 Datasheet
205Kb / 2P
RP MCX Jack Bulkhead Connector Crimp/Solder Attachment For RG174, RG316, RG188, .177 inch D Hole
PE44374 PASTERNACK-PE44374 Datasheet
226Kb / 3P
RP MCX Jack Bulkhead Connector Crimp/Solder Attachment For RG178, RG196, .177 inch D Hole
PE4561 PASTERNACK-PE4561 Datasheet
218Kb / 2P
MCX Jack Bulkhead Connector Solder Attachment Turret Terminal, .177 inch D Hole
PE4892 PASTERNACK-PE4892 Datasheet
242Kb / 2P
MCX Jack Connector Solder Attachment 0.062 inch End Launch PCB
PE4893 PASTERNACK-PE4893 Datasheet
221Kb / 3P
MCX Jack Connector Solder Attachment 0.042 inch End Launch PCB
PE44305 PASTERNACK-PE44305 Datasheet
752Kb / 2P
75 Ohm MCX Jack Connector Solder Attachment 0.068 inch End Launch PCB
PE44661 PASTERNACK-PE44661 Datasheet
228Kb / 3P
MCX Jack Connector Solder Attachment End Launch PCB
PE45211 PASTERNACK-PE45211 Datasheet
340Kb / 3P
75 Ohm MCX Jack Connector Solder Attachment .072 inch End Launch PCB
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com