Electronic Components Datasheet Search
  English  ▼

X  

PE44447 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44447
Description  LC Male Right Angle Connector Clamp-Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44447 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44447 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44447 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44447 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
LC Male Right Angle Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393
Configuration
Connector
LC Male
Connector Specification
MIL-C-39012
Connector Interface Type
RG213,RG214,RG8,RG9,RG225,RG393
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Right Angle
Electrical Specifications
Impedance, Ohms
50
Maximum Operating Voltage, Volts
5,000
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
2.68 [68.07]
Width/Dia., in [mm]
1.5 [38.10]
.
Weight, lbs [g]
0.646 [293.02]
Connector
Type
LC Male
Contact Material and Plating
Silver
Contact Plating Specification
QQ-S-365
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: LC Male Right Angle Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9,
RG225, RG393 PE44447
PE44447
PE44447 REV 01
LC Male Right Angle Connector Clamp/Solder Attachment
For RG213, RG214, RG8, RG9, RG225, RG393


Similar Part No. - PE44447

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4444 PASTERNACK-PE4444 Datasheet
105Kb / 1P
N FEMALE PANEL MOUNT ,590
PE4444 PASTERNACK-PE4444 Datasheet
354Kb / 3P
N Female Connector Solder Attachment 4 Hole Flang
PE44440 PASTERNACK-PE44440 Datasheet
219Kb / 3P
SSMA Male Connector Solder Attachment For PE-034SR
PE44441 PASTERNACK-PE44441 Datasheet
251Kb / 2P
SSMA Male Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE44442 PASTERNACK-PE44442 Datasheet
206Kb / 2P
75 Ohm SMB Positive Snap Plug Connector Crimp - Solder Attachment For RG59, RG62
More results

Similar Description - PE44447

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4109 PASTERNACK-PE4109 Datasheet
318Kb / 2P
BNC Male Connector Clamp/Solder Attachment For RG213.RG214,RG8,RG9,RG225,RG393
PE4020 PASTERNACK-PE4020 Datasheet
285Kb / 2P
UHF Male Connector Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393
PE4182 PASTERNACK-PE4182 Datasheet
314Kb / 2P
HN Male Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393
PE4387 PASTERNACK-PE4387 Datasheet
316Kb / 3P
BNC Male Right Angle Connector Clamp/Solder Attachment For RG213,RG214 RG8,RG9,RG11,RG225,RG393
PE4520 PASTERNACK-PE4520 Datasheet
312Kb / 3P
SC Male Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393
PE4564 PASTERNACK-PE4564 Datasheet
214Kb / 2P
LC Male Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393
PE4711 PASTERNACK-PE4711 Datasheet
478Kb / 3P
RP BNC Male Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393
PE4136 PASTERNACK-PE4136 Datasheet
316Kb / 3P
N Male Right Angle Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393
PE44450 PASTERNACK-PE44450 Datasheet
228Kb / 2P
LC Female Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393
PE4979 PASTERNACK-PE4979 Datasheet
221Kb / 2P
SC Male Right Angle Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com