Electronic Components Datasheet Search
  English  ▼

X  

PE44448 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44448
Description  LC Male Right Angle Connector Clamp - Solder Attachment For RG14, RG217
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44448 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44448 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44448 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44448 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
LC Male Right Angle Connector Clamp/Solder Attachment For RG14, RG217
Configuration
Connector
LC Male
Connector Specification
MIL-C-39012
Connector Interface Type
RG14,RG217
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Right Angle
Electrical Specifications
Impedance, Ohms
50
Maximum Operating Voltage, Volts
5,000
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
2.745 [69.72]
Width/Dia., in [mm]
1.5 [38.10]
.
Weight, lbs [g]
0.715 [324.32]
Connector
Type
LC Male
Contact Material and Plating
Silver
Contact Plating Specification
QQ-S-365
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: LC Male Right Angle Connector Clamp/Solder Attachment For RG14, RG217 PE44448
PE44448
PE44448 REV 01
LC Male Right Angle Connector Clamp/
Solder Attachment For RG14, RG217


Similar Part No. - PE44448

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4444 PASTERNACK-PE4444 Datasheet
105Kb / 1P
N FEMALE PANEL MOUNT ,590
PE4444 PASTERNACK-PE4444 Datasheet
354Kb / 3P
N Female Connector Solder Attachment 4 Hole Flang
PE44440 PASTERNACK-PE44440 Datasheet
219Kb / 3P
SSMA Male Connector Solder Attachment For PE-034SR
PE44441 PASTERNACK-PE44441 Datasheet
251Kb / 2P
SSMA Male Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE44442 PASTERNACK-PE44442 Datasheet
206Kb / 2P
75 Ohm SMB Positive Snap Plug Connector Crimp - Solder Attachment For RG59, RG62
More results

Similar Description - PE44448

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4563 PASTERNACK-PE4563 Datasheet
215Kb / 2P
LC Male Connector Clamp/Solder Attachment For RG14, RG217
PE4951 PASTERNACK-PE4951 Datasheet
270Kb / 3P
C Male Connector Clamp/Solder Attachment For RG14, RG217
PE44276 PASTERNACK-PE44276 Datasheet
229Kb / 2P
7/16 DIN Male Connector Clamp/Solder Attachment For RG14, RG217
PE4976 PASTERNACK-PE4976 Datasheet
232Kb / 2P
SC Male Connector Clamp/Solder Attachment For RG14, RG217
PE4475 PASTERNACK-PE4475 Datasheet
312Kb / 2P
HN Male Connector Clamp-Solder Attachment For RG14, RG217
PE4963 PASTERNACK-PE4963 Datasheet
220Kb / 2P
C Female Connector Clamp-Solder Attachment For RG14, RG217
PE44592 PASTERNACK-PE44592 Datasheet
247Kb / 3P
HN Male Right Angle Connector Clamp - Solder Attachment For RG14, RG217
PE4221 PASTERNACK-PE4221 Datasheet
223Kb / 3P
N Male Connector Clamp - Solder Attachment For RG14, RG217
PE44282 PASTERNACK-PE44282 Datasheet
215Kb / 2P
7/16 DIN Male Right Angle Connector Clamp/ Solder Attachment For RG14, RG217
PE45307 PASTERNACK-PE45307 Datasheet
408Kb / 3P
HN Male Right Angle Connector Clamp Solder Attachment for RG14, RG217
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com