Electronic Components Datasheet Search
  English  ▼

X  

PE44449 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44449
Description  LC Male Right Angle Connector Clamp - Solder Attachment For RG218
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44449 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44449 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44449 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44449 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
LC Male Right Angle Connector Clamp/Solder Attachment For RG218
Configuration
Connector
LC Male
Connector Specification
MIL-C-39012
Connector Interface Type
RG218
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Right Angle
Electrical Specifications
Impedance, Ohms
50
Maximum Operating Voltage, Volts
5,000
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
3.03 [76.96]
Width/Dia., in [mm]
1.5 [38.10]
.
Weight, lbs [g]
0.948 [430.01]
Connector
Type
LC Male
Contact Material and Plating
Silver
Contact Plating Specification
QQ-S-365
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: LC Male Right Angle Connector Clamp/Solder Attachment For RG218 PE44449
PE44449
PE44449 REV 01
LC Male Right Angle Connector Clamp/
Solder Attachment For RG218


Similar Part No. - PE44449

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4444 PASTERNACK-PE4444 Datasheet
105Kb / 1P
N FEMALE PANEL MOUNT ,590
PE4444 PASTERNACK-PE4444 Datasheet
354Kb / 3P
N Female Connector Solder Attachment 4 Hole Flang
PE44440 PASTERNACK-PE44440 Datasheet
219Kb / 3P
SSMA Male Connector Solder Attachment For PE-034SR
PE44441 PASTERNACK-PE44441 Datasheet
251Kb / 2P
SSMA Male Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE44442 PASTERNACK-PE44442 Datasheet
206Kb / 2P
75 Ohm SMB Positive Snap Plug Connector Crimp - Solder Attachment For RG59, RG62
More results

Similar Description - PE44449

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4323 PASTERNACK-PE4323 Datasheet
351Kb / 2P
LC Male Connector Clamp/Solder Attachment For RG218, RG219
PE4433 PASTERNACK-PE4433 Datasheet
215Kb / 2P
N Male Connector Clamp/Solder Attachment For RG218
PE44277 PASTERNACK-PE44277 Datasheet
217Kb / 2P
7/16 DIN Male Connector Clamp/Solder Attachment For RG218
PE44451 PASTERNACK-PE44451 Datasheet
237Kb / 3P
LC Female Connector Clamp/Solder Attachment For RG218
PE4977 PASTERNACK-PE4977 Datasheet
236Kb / 3P
SC Male Connector Clamp/Solder Attachment For RG218
PE4476 PASTERNACK-PE4476 Datasheet
218Kb / 2P
HN Male Connector Clamp-Solder Attachment For RG17, RG218
PE4954 PASTERNACK-PE4954 Datasheet
226Kb / 2P
C Male Connector Clamp-Solder Attachment For RG218
PE44448 PASTERNACK-PE44448 Datasheet
234Kb / 3P
LC Male Right Angle Connector Clamp - Solder Attachment For RG14, RG217
PE4563 PASTERNACK-PE4563_16 Datasheet
318Kb / 3P
LC Male Connector Clamp/Solder Attachment
PE4565 PASTERNACK-PE4565_16 Datasheet
333Kb / 3P
LC Male Connector Clamp/Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com