Electronic Components Datasheet Search
  English  ▼

X  

PE44660 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE44660
Description  MCX Jack Connector Solder Attachment Surface Mount PCB, Switching Connector
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44660 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE44660 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44660 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44660 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
Values at 25 °C, sea level
Frequency for Internal: DC-3 GHZ, Frequency for Exter-
nal: DC-6 GHZ
MCX Jack Connector Solder Attachment Surface Mount PCB, Switching Connector from Pasternack Enterprises has same
day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability
and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: MCX Jack Connector Solder Attachment Surface Mount PCB, Switching Connector PE44660
URL:
http://www.pasternack.com/mcx-jack-standard-surface-mount-pcb-connector-pe44660-p.aspx
MCX Jack Connector Solder Attachment Surface
Mount PCB, Switching Connector
PE44660
PE44660 REV



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com