Electronic Components Datasheet Search
  English  ▼

X  

ML65T541CS Datasheet(PDF) 7 Page - Micro Linear Corporation

Part # ML65T541CS
Description  3.3V High Speed Octal Buffer/Line Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML65T541CS Datasheet(HTML) 7 Page - Micro Linear Corporation

  ML65T541CS Datasheet HTML 1Page - Micro Linear Corporation ML65T541CS Datasheet HTML 2Page - Micro Linear Corporation ML65T541CS Datasheet HTML 3Page - Micro Linear Corporation ML65T541CS Datasheet HTML 4Page - Micro Linear Corporation ML65T541CS Datasheet HTML 5Page - Micro Linear Corporation ML65T541CS Datasheet HTML 6Page - Micro Linear Corporation ML65T541CS Datasheet HTML 7Page - Micro Linear Corporation ML65T541CS Datasheet HTML 8Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
ML65T541
PHYSICAL DIMENSIONS inches (millimeters)
SEATING PLANE
0.291 - 0.301
(7.39 - 7.65)
PIN 1 ID
0.398 - 0.412
(10.11 - 10.47)
0.498 - 0.512
(12.65 - 13.00)
0.012 - 0.020
(0.30 - 0.51)
0.050 BSC
(1.27 BSC)
0.022 - 0.042
(0.56 - 1.07)
0.095 - 0.107
(2.41 - 2.72)
0.005 - 0.013
(0.13 - 0.33)
0.090 - 0.094
(2.28 - 2.39)
20
0.007 - 0.015
(0.18 - 0.38)
0º - 8º
1
0.024 - 0.034
(0.61 - 0.86)
(4 PLACES)
Package: S20
(Obsolete)
20-Pin SOIC
PIN 1 ID
SEATING PLANE
0.150 - 0.160
(3.81 - 4.06)
0.228 - 0.244
(5.79 - 6.20)
0.338 - 0.348
(8.58 - 8.84)
0.008 - 0.012
(0.20 - 0.31)
0.025 BSC
(0.63 BSC)
0.015 - 0.035
(0.38 - 0.89)
0.060 - 0.068
(1.52 - 1.73)
0.004 - 0.010
(0.10 - 0.26)
0.055 - 0.061
(1.40 - 1.55)
0.006 - 0.010
(0.15 - 0.26)
0º - 8º
20
0.050 - 0.055
(1.27 - 1.40)
(4 PLACES)
1
Package: K20
20-Pin QSOP



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com