Electronic Components Datasheet Search
  English  ▼

X  

ML6673CH Datasheet(PDF) 2 Page - Micro Linear Corporation

Part # ML6673CH
Description  Fast Ethernet/FDDI TP-PMD Transceiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6673CH Datasheet(HTML) 2 Page - Micro Linear Corporation

  ML6673CH Datasheet HTML 1Page - Micro Linear Corporation ML6673CH Datasheet HTML 2Page - Micro Linear Corporation ML6673CH Datasheet HTML 3Page - Micro Linear Corporation ML6673CH Datasheet HTML 4Page - Micro Linear Corporation ML6673CH Datasheet HTML 5Page - Micro Linear Corporation ML6673CH Datasheet HTML 6Page - Micro Linear Corporation ML6673CH Datasheet HTML 7Page - Micro Linear Corporation ML6673CH Datasheet HTML 8Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ML6673
2
5
6
7
8
9
10
11
12
13
29
28
27
26
25
24
23
22
21
14 15 16 17 18 19 20
4
3
2
1
32 31 30
RXOUT+
RVCCD
SD–
SD+
N/C
TGNDD
LPBK
TXOFF
N/C
RRSET1
RRSET2
N/C
N/C
RGND
N/C
N/C
TVCCA
TGNDA
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
9
10
11
121314
15
16
32
31
30
29
28
27
26
25
TPOUT–
TPOUT+
RTSET2
RTSET1
TVCCD
TXIN–
TXIN+
N/C
RRSET1
TPIN–
TPIN+
CMREF
N/C
N/C
RVCCA
RXOUT–
ML6673
32-Pin PCC (Q32)
ML6673
32-Pin TQFP (H32-7)
PIN CONFIGURATION
NAME
FUNCTION
NAME
FUNCTION
TXIN+, TXIN–
These differential ECL100K compatible
inputs receive NRZI data from the PHY
for transmission.
TPOUT+,
Outputs from the NRZI-MLT3 state
TPOUT–
machine drive these differential current
outputs. The transmitter filter/transformer
module connects the media to these pins.
LPBK
This TTL input enables transmitter-
receiver loopback internally when
asserted low. When LPBK is asserted,
signal detect is asserted.
TXOFF
This TTL input forces the NRZI-MLT3
state machine to a high impedence state
when asserted low and shuts off transmit
bias current.
RTSET1,
An external 1% resistor connected
RTSET2
between these pins controls the
transmitter output current amplitude.
IOUT = 64 x 1.25V/RTSET
TVCCA,
Separate analog and digital transmitter
TVCCD
power supply pins help to isolate
sensitive circuitry from noise generating
digital functions. Both supplies are
nominally +5 volts.
PIN DESCRIPTION
TGNDA,
Analog and digital transmitter grounds
TGNDD
provide separate return paths for clean
and noisy signals.
SD+, SD–
These differential ECL100K compatible
outputs indicate the presence of a data
signal with an amplitude exceeding a
preset threshold.
TPIN+, TPIN–
MLT-3 encoded data from the receiver
filter/transformer module enters the
receiver through these pins.
RXOUT+,
Differential ECL100K compatible outputs
RXOUT–
provide NRZI encoded data to the PHY.
RRSET1,
Internal time constants controlling the
RRSET2
equalizer’s transfer function are set by an
external resistor connected across these
pins.
CMREF
This pin provides a DC common mode
reference point for the receiver inputs.
RVCCA,
Analog and digital supply pins are
RVCCD
separated to isolate clean and noisy
circuit functions. Both supplies are
nominally +5 volts.
RGND
Receiver ground.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com