Electronic Components Datasheet Search
  English  ▼

X  

ML6680CQ Datasheet(PDF) 11 Page - Micro Linear Corporation

Part # ML6680CQ
Description  Token Ring Copper-to-Fiber Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6680CQ Datasheet(HTML) 11 Page - Micro Linear Corporation

Back Button ML6680CQ Datasheet HTML 4Page - Micro Linear Corporation ML6680CQ Datasheet HTML 5Page - Micro Linear Corporation ML6680CQ Datasheet HTML 6Page - Micro Linear Corporation ML6680CQ Datasheet HTML 7Page - Micro Linear Corporation ML6680CQ Datasheet HTML 8Page - Micro Linear Corporation ML6680CQ Datasheet HTML 9Page - Micro Linear Corporation ML6680CQ Datasheet HTML 10Page - Micro Linear Corporation ML6680CQ Datasheet HTML 11Page - Micro Linear Corporation ML6680CQ Datasheet HTML 12Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
ML6680
11
Figure 3. ML6680 Configurations 3 and 4
OPINN
QGND
VDC
KEYGEN
GND1
OPGND
OPOUT
TPINP
TPINN
PHTM1
PHTM2
GND2
TPOUTP
TPOUTN
12
D2
D1
R6
300
Ω
R1
499
Ω
C7
R2
115
Ω
R3
1K
Ω
HFBR
U4
J2
C6
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
500pF
C21
C5
C4
R4
10
Ω
C3
C2
1nF
1nF
R5
300
Ω
13
14
15
16
17
18
1
2
3
4
8
7
6
5
5
6
7
8
9
10
11
43
2
1
28
NC
25
24
23
22
21
20
19
27
26
ML6680
U1
HFBR
2416
U3
1
2
3
4
8
7
6
5
C18
C17
47
µF47µF
L1
L2
4.7
µH
4.7
µH
R20
500
Ω
D4
C19
C20
0.1
µF
0.1
µF
25nF
25nF
0.1
µF
VCC
+5V
FVCC
FGND
C1
J1
C10
R7
49.9
Ω
R8
49.9
Ω
C9
C8
COUTP
COUTN
CINP
CINN
U1:
U3:
U4:
D1, 2, 4:
ML6680
HFBR2416 (HP) OR OP2416
(OPTEK) OPTICAL RECEIVER
HFBR1414 (HP) OR OP1414 (OPTEK)
OPTICAL TRANSMITTERS
LED, SURFACE MOUNT,
PANASONIC LN146IC (TR)
CLOCK
CONFIGURATION 3: LOBE OR RING OUT PORT, J1 TO FGND
CONFIGURATION 4: RING IN PORT, J1 TO FVCC
FROM THE UPSTREAM
LOBE PORT IN CONFIG. 3
FROM THE UPSTREAM
RING OUT PORT IN
CONFIG. 4
TO THE DOWNSTREAM
RING IN PORT IN CONFIG. 3
TO THE DOWNSTREAM LOBE
PORT IN CONFIG. 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com