| Electronic Components Datasheet Search |
|
ML6692 Datasheet(PDF) 14 Page - Micro Linear Corporation |
|
|
|||||||||||||||||||||||||||||
ML6692 Datasheet(HTML) 14 Page - Micro Linear Corporation |
|
14 / 21 page ![]() ML6692 14 INITIALIZATION INTERFACE The ML6692 has an Initialization Interface to allow register programming that is not supported by the MII Management Interface. The intitialization data is loaded at power-up and cannot be changed afterwards. The pin EDIN selects one of three possible programming modes. The Initialization Register bit assignment is shown in Table 1. EEPROM PROGRAMMING With EDIN floating (set to a high impedance), the ML6692 reads the 16 configuration bits from an external serial EEPROM (93LC46 or similar) using the industry- standard 3-wire serial I/O protocol. After power up, the ML6692 automatically generates the address at EDIN and the clock at ECLK to read out the 16 configuration bits. The EEPROM generates the configuration bit stream at EDOUT, synchronized with ECLK. Interface timing is shown in Figure 6. It is important to note that the ML6692 expects LSBs first, whereas the 93LC46 shifts MSBs out first. Therefore, the data pattern must be reversed before programming it into the EEPROM. MICROCONTROLLER PROGRAMMING With EDIN high, the ML6692 expects the 16 configuration bits transfered directly at EDOUT, synchronized with the first 16 clock rising edges provided externally at ECLK after power-up. This mode is useful with a small microcontroller; one controller can program several ML6692 parts by selectively toggling their ECLK pins. Interface timing is shown in Figure 7. ML6692 HARD-WIRED DEFAULT With EDIN low, the SEL10HD, SEL10FD, and SEL100T4 pins set their corresponding bits in the management status register, and the ML6692 responds to MII PHYAD 00000 only. FUNCTION OF RELATED PINS EDIN MODE SEL10FD/ECLK SEL100T4/EDOUT SEL10HD Floating EEPROM ECLK (Output Clock EDOUT (Input Data No Affect (EEPROM ADDR) to EEPROM) from EEPROM) High Microcontroller ECLK (Input Clock EDOUT (Input Data No Affect from Microcontroller) from Microcontroller) Low Hardwired SEL10FD SEL100T4 SEL10HD (Initialization bit 9) (Initialization bit 8) (Initialization bit 10) EDOUT (DRIVEN BY EEPROM) ECLK (DRIVEN BY ML6692) EDIN (DRIVEN BY ML6692) 01 SB 1 OP1 1 OP0 0 A5 0 A4 0 A3 0 A2 0 A1 0 A0 0 02 03 04 05 06 07 08 09 10 11 D0 D1 D2 D3 D14 D15 12 13 26 tDV1 16 BITS DATA ADDRESS tPW1 tPW2 tPER1 Figure 6. EEPROM Interface Timing EDOUT (INPUT TO ML6692) ECLK (INPUT TO ML6692) 01 02 16 tS1 tH1 tPW4 tPER2 tPW3 Figure 7. Microcontroller Mode Interface Timing |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |