Electronic Components Datasheet Search
  English  ▼

X  

ML6694 Datasheet(PDF) 4 Page - Micro Linear Corporation

Part # ML6694
Description  100BASE-TX Physical Layer with 5-Bit Interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6694 Datasheet(HTML) 4 Page - Micro Linear Corporation

  ML6694 Datasheet HTML 1Page - Micro Linear Corporation ML6694 Datasheet HTML 2Page - Micro Linear Corporation ML6694 Datasheet HTML 3Page - Micro Linear Corporation ML6694 Datasheet HTML 4Page - Micro Linear Corporation ML6694 Datasheet HTML 5Page - Micro Linear Corporation ML6694 Datasheet HTML 6Page - Micro Linear Corporation ML6694 Datasheet HTML 7Page - Micro Linear Corporation ML6694 Datasheet HTML 8Page - Micro Linear Corporation ML6694 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ML6694
4
PIN DESCRIPTION (Continued)
PIN
NAME
DESCRIPTION
39
(33)
CMREF
Receiver common-mode reference output. This pin provides a common-mode bias
point for the twisted-pair media line receiver. A typical value for CMREF is
(VCC–1.26)V.
40,41 (34,35)
10BTTXINN/P 10BASE-T transmit waveform inputs. The ML6694 presents a linear copy of the input
at 10BTTXINN/P to the TPOUTN/P outputs when the ML6694 functions in 10BASE-T
mode. Signals presented to these pins must be centered at VCC/2 with a single ended
amplitude of
± 0.25V.
42
(36)
LPBK
Loopback TTL input pin. Tying this pin to ground places the part in loopback mode;
data at RSM<4:0> are serialized, MLT-3 encoded, equalized then sent to the receive
PLL for clock recovery and sent to the RSM<4:0> outputs. Floating this pin or tying it
to VCC places the part in its normal mode of operation.
43
(37)
AVCC1
Analog +5V power supply.
44
(38)
TXC
Transmit clock TTL input. This 25MHz clock is the frequency reference for the
internal transmit PLL clock multiplier. This pin should be driven by an external
25MHz clock at TTL or CMOS levels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com