Electronic Components Datasheet Search
  English  ▼

X  

LMZ22008 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LMZ22008
Description  8A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage and Current Sharing
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMZ22008 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LMZ22008 Datasheet HTML 13Page - Texas Instruments LMZ22008 Datasheet HTML 14Page - Texas Instruments LMZ22008 Datasheet HTML 15Page - Texas Instruments LMZ22008 Datasheet HTML 16Page - Texas Instruments LMZ22008 Datasheet HTML 17Page - Texas Instruments LMZ22008 Datasheet HTML 18Page - Texas Instruments LMZ22008 Datasheet HTML 19Page - Texas Instruments LMZ22008 Datasheet HTML 20Page - Texas Instruments LMZ22008 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
LMZ22008
www.ti.com
SNVS712H – FEBRUARY 2010 – REVISED AUGUST 2015
7.4 Device Functional Modes
7.4.1 Discontinuous Conduction and Continuous Conduction Modes
At light load the regulator will operate in discontinuous conduction mode (DCM). With load currents above the
critical conduction point, it will operate in continuous conduction mode (CCM). When operating in DCM, inductor
current is maintained to an average value equaling IOUT. In DCM the low-side switch will turn off when the
inductor current falls to zero, this causes the inductor current to resonate. Although it is in DCM, the current is
allowed to go slightly negative to charge the bootstrap capacitor.
In CCM, current flows through the inductor through the entire switching cycle and never falls to zero during the
OFF-time.
Following is a comparison pair of waveforms showing both the CCM (upper) and DCM operating modes.
VIN = 12 V, VO = 3.3 V, IO = 3 A / 0.3 A
Figure 49. CCM and DCM Operating Modes
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LMZ22008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com