Electronic Components Datasheet Search
  English  ▼

X  

MT28F004B3 Datasheet(PDF) 4 Page - Micron Technology

Part # MT28F004B3
Description  FLASH MEMORY
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT28F004B3 Datasheet(HTML) 4 Page - Micron Technology

  MT28F004B3 Datasheet HTML 1Page - Micron Technology MT28F004B3 Datasheet HTML 2Page - Micron Technology MT28F004B3 Datasheet HTML 3Page - Micron Technology MT28F004B3 Datasheet HTML 4Page - Micron Technology MT28F004B3 Datasheet HTML 5Page - Micron Technology MT28F004B3 Datasheet HTML 6Page - Micron Technology MT28F004B3 Datasheet HTML 7Page - Micron Technology MT28F004B3 Datasheet HTML 8Page - Micron Technology MT28F004B3 Datasheet HTML 9Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
4
4Mb Smart 3 Boot Block Flash Memory
Micron Technology, Inc., reserves the right to change products or specifications without notice.
F45_3.p65 – Rev. 3, Pub. 12/01
©2001, Micron Technology, Inc.
4Mb
SMART 3 BOOT BLOCK FLASH MEMORY
PIN DESCRIPTIONS
44-PIN SOP 40-PIN TSOP 48-PIN TSOP
NUMBERS
NUMBERS
NUMBERS
SYMBOL
TYPE
DESCRIPTION
43
9
11
WE#
Input
Write Enable: Determines if a given cycle is a WRITE
cycle. If WE# is LOW, the cycle is either a WRITE to the
command execution logic (CEL) or to the memory array.
2
12
14
WP#
Input
Write Protect: Unlocks the boot block when HIGH if VPP
= VPPH1 (3.3V) or VPPH2 (5V) and RP# = VIH during a
WRITE or ERASE. Does not affect WRITE or ERASE
operation on other blocks.
12
22
26
CE#
Input
Chip Enable: Activates the device when LOW. When
CE# is HIGH, the device is disabled and goes into
standby power mode.
44
10
12
RP#
Input
Reset/Power-Down: When LOW, RP# clears the status
register, sets the internal state machine (ISM) to the
array read mode and places the device in deep power-
down mode. All inputs, including CE#, are “Don’t
Care,” and all outputs are High-Z. RP# unlocks the boot
block and overrides the condition of WP# when at VHH
(12V), and must be held at VIH during all other modes
of operation.
14
24
28
OE#
Input
Output Enable: Enables data output buffers when
LOW. When OE# is HIGH, the output buffers are
disabled.
33
–
47
BYTE#
Input
Byte Enable: If BYTE# = HIGH, the upper byte is active
through DQ8–DQ15. If BYTE# = LOW, DQ8–DQ14 are
High-Z, and all data is accessed through DQ0–DQ7.
DQ15/(A-1) becomes the least significant address input.
11, 10, 9, 8, 21, 20, 19,
25, 24, 23,
A0–A17/
Input
Address Inputs: Select a unique, 16-bit word or 8-bit
7, 6, 5, 4,
18, 17, 16,
22, 21, 20,
(A18)
byte. The DQ15/(A-1) input becomes the lowest order
42, 41, 40, 15, 14, 8, 7, 19, 18, 8, 7,
address when BYTE# = LOW (MT28F400B3) to allow for
39, 38, 37, 36, 6, 5, 4, 3, 6, 5, 4, 3, 2,
a selection of an 8-bit byte from the 524,288 available.
36, 35, 34, 3 2, 1, 40, 13
1, 48, 17
31
–
45
DQ15/
Input/ Data I/O: MSB of data when BYTE# = HIGH. Address
(A-1)
Output Input: LSB of address input when BYTE# = LOW during
READ or WRITE operation.
15, 17, 19, 25-28, 32-35 29, 31, 33, DQ0–DQ7 Input/ Data I/Os: Data output pins during any READ operation
21, 24, 26,
35, 38, 40,
Output or data input pins during a WRITE. These pins are used
28, 30
42, 44
to inputcommands to the CEL.
16, 18, 20,
–
30, 32, 34, DQ8–DQ14 Input/ Data I/Os: Data output pins during any READ operation
22, 25, 27,
36, 39, 41,
Output or data input pins during a WRITE when BYTE# = HIGH.
29
43
These pins are High-Z when BYTE# is LOW.
111
13
VPP
Supply Write/Erase Supply Voltage: From a WRITE or ERASE
CONFIRM until completion of the WRITE or ERASE, VPP
must be at VPPH1 (3.3V) or VPPH2 (5V). VPP = “Don’t Care”
during all other operations.
23
30, 31
37
VCC
Supply Power Supply: +3.3V ±0.3V.
13, 32
23, 39
27, 46
VSS
Supply Ground.
–
29, 37, 38 9, 10, 15, 16
NC
–
No Connect: These pins may be driven or left
unconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com