Electronic Components Datasheet Search
  English  ▼

X  

MS27475 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # MS27475
Description  Wall Mount Hermetic Receptacle
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

MS27475 Datasheet(HTML) 1 Page - Glenair, Inc.

  MS27475 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dimensions in Inches (millimeters) are subject to change without notice.
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
B-30
© 2013 Glenair, Inc.
U.S. CAGE Code 06324
Printed in U.S.A.
B
MS27475
Wall Mount Hermetic Receptacle
MIL-DTL-38999 Series II
A
B
C
D
E
F
G
H
K J
ø G Holes
J
J
ø H Min
Front Panel
Mounting
BSQ
4 x Ø C Holes
2 x A BSC
Ø E Max
80° BSC
2 x 120° BSC
.322 (8.2)
.312 (7.9)
Marking Location
(Either Location)
Contrasting Color
Pin Ends 3 Pl
P (See Table II)
Eyelet
Contact (X)
Solder Cup
Contact (P)
Feedthrough
Contact (C)
D Thread
.094 (2.39) Min Full Thread
.344 (8.7) Max
FP Max (Pin)
FS Max (Socket)
.069 (1.8)
.058 (1.5)
.175 (4.5)
.125 (3.2)
J
K
H
G
F
E
D
C
B
A
.005 M
.005 M
How To Order: MS
Shell Style
MS27475 - Wall Mount, Series II
Class
Y- Hermetic
Alternate Key
Position
A, B, C, D
(Omit for Normal)
Connector Material / Finish
D - Carbon Steel - Fused Tin Finish
E - Stainless Steel - Passivate Finish
N - Stainless Steel - Nickel Finish
MS27475
Y
10
N
35
P
A
Shell Size
8,10,12,14,16,18,20,22,24
Contact Termination
P - Pin, Solder Cup
X - Pin, Eyelet
C - Pin, PCB
Flex Feedthrough
S - Socket, Solder Cup
Z - Socket, Eyelet
D - Socket, PCB
Flex Feedthrough
Insert Arrangement
MIL-DTL-38999 Series II
Hermetic Inserts Per
MIL-STD-1560;
See Pages B-2 - B4


Similar Part No. - MS27475

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MS27475 GLENAIR-MS27475 Datasheet
59Kb / 1P
Military Standard Connector Index
MS27475Y11D GLENAIR-MS27475Y11D Datasheet
462Kb / 2P
Wall Mount Hermetic Receptacle
MS27475Y11E GLENAIR-MS27475Y11E Datasheet
462Kb / 2P
Wall Mount Hermetic Receptacle
MS27475Y11N GLENAIR-MS27475Y11N Datasheet
462Kb / 2P
Wall Mount Hermetic Receptacle
MS27475Y13D GLENAIR-MS27475Y13D Datasheet
462Kb / 2P
Wall Mount Hermetic Receptacle
More results

Similar Description - MS27475

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
240-382WM15-35PS GLENAIR-240-382WM15-35PS Datasheet
348Kb / 2P
Wall Mount Receptacle
MS27469Y9D GLENAIR-MS27469Y9D Datasheet
460Kb / 2P
Wall Mount Hermetic Receptacle
MS27475Y9D GLENAIR-MS27475Y9D Datasheet
462Kb / 2P
Wall Mount Hermetic Receptacle
231-100-H0 GLENAIR-231-100-H0 Datasheet
251Kb / 1P
Wall Mount Hermetic Receptacle
232-100-H0 GLENAIR-232-100-H0 Datasheet
251Kb / 1P
Wall Mount Hermetic Receptacle
240-382W GLENAIR-240-382W Datasheet
89Kb / 2P
Wall Mount Receptacle
240-383W GLENAIR-240-383W Datasheet
144Kb / 2P
Wall Mount Receptacle
240-384W GLENAIR-240-384W Datasheet
109Kb / 2P
Wall Mount Receptacle
240-838W GLENAIR-240-838W Datasheet
106Kb / 2P
Wall Mount Receptacle
MS27469 GLENAIR-MS27469 Datasheet
210Kb / 1P
Wall Mount Hermetic Receptacle
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com