Electronic Components Datasheet Search
  English  ▼

X  

MS27476 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # MS27476
Description  Box Mount Hermetic Receptacle
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

MS27476 Datasheet(HTML) 1 Page - Glenair, Inc.

  MS27476 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dimensions in Inches (millimeters) are subject to change without notice.
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
B-32
© 2013 Glenair, Inc.
U.S. CAGE Code 06324
Printed in U.S.A.
B
MS27476
Box Mount Hermetic Receptacle
MIL-DTL-38999 Series II
A
B
C
D
E
F
G
H
K J
.175/.125
Feedthrough
Contact (C)
P (See Table II)
Solder Cup
Contact (P)
Eyelet
Contact (X)
.344 Max
.322
.312
.069
.058
Marking Location
(Either Location)
F Max
How To Order: MS
Shell Style
MS27476 - Box Mount, Series II
Class
Y- Hermetic
Alternate Key
Position
A, B, C, D
(Omit for Normal)
Connector Material / Finish
D - Carbon Steel - Fused Tin Finish
E - Stainless Steel - Passivate Finish
N - Stainless Steel - Nickel Finish
MS27476
Y
10
N
35
P
A
Shell Size
8,10,12,14,16,18,20,22,24
Contact Termination
P - Pin, Solder Cup
X - Pin, Eyelet
C - Pin, PCB
Flex Feedthrough
S - Socket, Solder Cup
Z - Socket, Eyelet
D - Socket, PCB
Flex Feedthrough
Insert Arrangement
MIL-DTL-38999 Series II
Hermetic Inserts Per
MIL-STD-1560;
See Pages B-2 - B-4
2X 120° BSC
B SQ
ø E Max
2X ABSC
.005
4Xø C Holes
M
A
B
C
D
E
F
G
H
K J
80° BSC
VØ


Similar Part No. - MS27476

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MS27476 GLENAIR-MS27476 Datasheet
59Kb / 1P
Military Standard Connector Index
MS27476Y10D GLENAIR-MS27476Y10D Datasheet
457Kb / 2P
Box Mount Hermetic Receptacle
MS27476Y10E GLENAIR-MS27476Y10E Datasheet
457Kb / 2P
Box Mount Hermetic Receptacle
MS27476Y10N GLENAIR-MS27476Y10N Datasheet
457Kb / 2P
Box Mount Hermetic Receptacle
MS27476Y12D GLENAIR-MS27476Y12D Datasheet
457Kb / 2P
Box Mount Hermetic Receptacle
More results

Similar Description - MS27476

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MS27476Y8D GLENAIR-MS27476Y8D Datasheet
457Kb / 2P
Box Mount Hermetic Receptacle
257-288 GLENAIR-257-288 Datasheet
176Kb / 2P
Box Mount Hermetic Receptacle
232-100-H2 GLENAIR-232-100-H2 Datasheet
257Kb / 1P
Box Mount Hermetic Receptacle
233-100-H2 GLENAIR-233-100-H2 Datasheet
252Kb / 1P
Box Mount Hermetic Receptacle
234-100-H2 GLENAIR-234-100-H2 Datasheet
248Kb / 1P
Box Mount Hermetic Receptacle
257-288 GLENAIR-257-288 Datasheet
336Kb / 2P
Box Mount Hermetic Receptacle
D38999-21 GLENAIR-D38999-21 Datasheet
222Kb / 1P
Box Mount Hermetic Receptacle
D38999-27 GLENAIR-D38999-27 Datasheet
211Kb / 1P
Weld Mount Hermetic Receptacle
D38999-41 GLENAIR-D38999-41 Datasheet
220Kb / 1P
Box Mount Hermetic Receptacle
MS27478 GLENAIR-MS27478 Datasheet
200Kb / 1P
Solder Mount Hermetic Receptacle
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com