Electronic Components Datasheet Search
  English  ▼

X  

MS27478 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # MS27478
Description  Solder Mount Hermetic Receptacle
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

MS27478 Datasheet(HTML) 1 Page - Glenair, Inc.

  MS27478 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dimensions in Inches (millimeters) are subject to change without notice.
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
B-36
© 2013 Glenair, Inc.
U.S. CAGE Code 06324
Printed in U.S.A.
B
MS27478
Solder Mount Hermetic Receptacle
MIL-DTL-38999 Series II
A
B
C
D
E
F
G
H
K
J
ø H
Front Panel
Mounting
A
B
C
D
E
F
G
H
K
J
2X 120° BSC
ø A
80° BSC
A
B
C
D
E
F
G
H
K
J
.175/.125
P
Solder Cup
Contact (P)
Eyelet
Contact (X)
.047
.026
Feedthrough
Contact (C)
Marking Location
(Either Location)
C Max
ø B
Contrasting Color
Pin Ends (3 Places)
.375 (9.1) Max for P, X, C
.359 (9.1) Max for S, Z, D
.322/.312
(8.2/7.9)
for P, X, C
or
.433/.423 (11.0/10.7)
For S, Z, D
How To Order: MS
Shell Style
MS27478 - Solder Mount, Series II
Class
Y- Hermetic
Alternate Key
Position
A, B, C, D
(Omit for Normal)
Connector Material / Finish
D - Carbon Steel - Fused Tin Finish
E - Stainless Steel - Passivate Finish
N - Stainless Steel - Nickel Finish
MS27478
Y
10
N
35
P
A
Shell Size
8,10,12,14,16,18,20,22,24
Contact Termination
P - Pin, Solder Cup
X - Pin, Eyelet
C - Pin, PCB
Flex Feedthrough
S - Socket, Solder Cup
Z - Socket, Eyelet
D - Socket, PCB
Flex Feedthrough
Insert Arrangement
MIL-DTL-38999 Series II
Hermetic Inserts Per
MIL-STD-1560;
See Pages B-2 - B-4


Similar Part No. - MS27478

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MS27478 GLENAIR-MS27478 Datasheet
59Kb / 1P
Military Standard Connector Index
MS27478Y10D GLENAIR-MS27478Y10D Datasheet
447Kb / 2P
Solder Mount Hermetic Receptacle
MS27478Y10E GLENAIR-MS27478Y10E Datasheet
447Kb / 2P
Solder Mount Hermetic Receptacle
MS27478Y10N GLENAIR-MS27478Y10N Datasheet
447Kb / 2P
Solder Mount Hermetic Receptacle
MS27478Y12D GLENAIR-MS27478Y12D Datasheet
447Kb / 2P
Solder Mount Hermetic Receptacle
More results

Similar Description - MS27478

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
250-014Z18S-6PW GLENAIR-250-014Z18S-6PW Datasheet
355Kb / 2P
Hermetic Receptacle, Solder Mount
MS27471Y9D GLENAIR-MS27471Y9D Datasheet
446Kb / 2P
Solder Mount Hermetic Receptacle
MS27478Y8D GLENAIR-MS27478Y8D Datasheet
447Kb / 2P
Solder Mount Hermetic Receptacle
231-100-H5 GLENAIR-231-100-H5 Datasheet
250Kb / 1P
Solder Mount Hermetic Receptacle
232-100-H5 GLENAIR-232-100-H5 Datasheet
250Kb / 1P
Solder Mount Hermetic Receptacle
233-100-H5 GLENAIR-233-100-H5 Datasheet
267Kb / 1P
Solder Mount Hermetic Receptacle
234-100-H5 GLENAIR-234-100-H5 Datasheet
253Kb / 1P
Solder Mount Hermetic Receptacle
D38999-25 GLENAIR-D38999-25 Datasheet
198Kb / 1P
Solder Mount Hermetic Receptacle
D38999-45 GLENAIR-D38999-45 Datasheet
205Kb / 1P
Solder Mount Hermetic Receptacle
MS27471 GLENAIR-MS27471 Datasheet
198Kb / 1P
Solder Mount Hermetic Receptacle
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com