Electronic Components Datasheet Search
  English  ▼

X  

LMZ14203HTZX/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LMZ14203HTZX/NOPB
Description  SIMPLE SWITCHER 6V to 42V, 3A High Output Voltage Power Module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMZ14203HTZX/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button LMZ14203HTZX/NOPB Datasheet HTML 17Page - Texas Instruments LMZ14203HTZX/NOPB Datasheet HTML 18Page - Texas Instruments LMZ14203HTZX/NOPB Datasheet HTML 19Page - Texas Instruments LMZ14203HTZX/NOPB Datasheet HTML 20Page - Texas Instruments LMZ14203HTZX/NOPB Datasheet HTML 21Page - Texas Instruments LMZ14203HTZX/NOPB Datasheet HTML 22Page - Texas Instruments LMZ14203HTZX/NOPB Datasheet HTML 23Page - Texas Instruments LMZ14203HTZX/NOPB Datasheet HTML 24Page - Texas Instruments LMZ14203HTZX/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
LMZ14203H
www.ti.com
SNVS692G – JANUARY 2011 – REVISED OCTOBER 2015
9 Power Supply Recommendations
The LMZ14203H device is designed to operate from an input voltage supply range between 4.5 V and 42 V. This
input supply should be well regulated and able to withstand maximum input current and maintain a stable
voltage. The resistance of the input supply rail should be low enough that an input current transient does not
cause a high enough drop at the LMZ14203H supply voltage that can cause a false UVLO fault triggering and
system reset. If the input supply is more than a few inches from the LMZ14203H, additional bulk capacitance
may be required in addition to the ceramic bypass capacitors. The amount of bulk capacitance is not critical, but
a 47-
μF or 100-μF electrolytic capacitor is a typical choice.
10 Layout
10.1 Layout Guidelines
PCB layout is an important part of DC-DC converter design. Poor board layout can disrupt the performance of a
DC-DC converter and surrounding circuitry by contributing to EMI, ground bounce and resistive voltage drop in
the traces. These can send erroneous signals to the DC-DC converter resulting in poor regulation or instability.
Good layout can be implemented by following a few simple design rules.
1. Minimize area of switched current loops.
From an EMI reduction standpoint, it is imperative to minimize the high di/dt paths during PCB layout. The
high current loops that do not overlap have high di/dt content that will cause observable high frequency noise
on the output pin if the input capacitor (Cin1) is placed at a distance away from the LMZ14203. Therefore
place CIN1 as close as possible to the LMZ14203 VIN and GND exposed pad. This will minimize the high
di/dt area and reduce radiated EMI. Additionally, grounding for both the input and output capacitor should
consist of a localized top side plane that connects to the GND exposed pad (EP).
2. Have a single point ground.
The ground connections for the feedback, soft-start, and enable components should be routed to the GND
pin of the device. This prevents any switched or load currents from flowing in the analog ground traces. If not
properly handled, poor grounding can result in degraded load regulation or erratic output voltage ripple
behavior. Provide the single point ground connection from pin 4 to EP.
3. Minimize trace length to the FB pin.
Both feedback resistors, RFBT and RFBB, and the feed forward capacitor CFF, should be close to the FB pin.
Since the FB node is high impedance, maintain the copper area as small as possible. The trace are from
RFBT, RFBB, and CFF should be routed away from the body of the LMZ14203 to minimize noise.
4. Make input and output bus connections as wide as possible.
This reduces any voltage drops on the input or output of the converter and maximizes efficiency. To optimize
voltage accuracy at the load, ensure that a separate feedback voltage sense trace is made to the load. Doing
so will correct for voltage drops and provide optimum output accuracy.
5. Provide adequate device heat-sinking.
Use an array of heat-sinking vias to connect the exposed pad to the ground plane on the bottom PCB layer.
If the PCB has a plurality of copper layers, these thermal vias can also be employed to make connection to
inner layer heat-spreading ground planes. For best results use a 6 × 6 via array with minimum via diameter
of 8 mils thermal vias spaced 59 mils (1.5 mm). Ensure enough copper area is used for heat-sinking to keep
the junction temperature below 125°C.
10.1.1 Power Module SMT Guidelines
The recommendations below are for a standard module surface mount assembly
•
Land Pattern – Follow the PCB land pattern with either soldermask defined or non-soldermask defined pads
•
Stencil Aperture
–
For the exposed die attach pad (DAP), adjust the stencil for approximately 80% coverage of the PCB land
pattern
–
For all other I/O pads use a 1:1 ratio between the aperture and the land pattern recommendation
•
Solder Paste – Use a standard SAC Alloy such as SAC 305, type 3 or higher
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LMZ14203H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com