Electronic Components Datasheet Search
  English  ▼

X  

AR0331 Datasheet(PDF) 37 Page - ON Semiconductor

Part # AR0331
Description  Full HD Digital Image Sensor
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0331 Datasheet(HTML) 37 Page - ON Semiconductor

Back Button AR0331 Datasheet HTML 33Page - ON Semiconductor AR0331 Datasheet HTML 34Page - ON Semiconductor AR0331 Datasheet HTML 35Page - ON Semiconductor AR0331 Datasheet HTML 36Page - ON Semiconductor AR0331 Datasheet HTML 37Page - ON Semiconductor AR0331 Datasheet HTML 38Page - ON Semiconductor AR0331 Datasheet HTML 39Page - ON Semiconductor AR0331 Datasheet HTML 40Page - ON Semiconductor AR0331 Datasheet HTML 41Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 72 page
background image
AR0331_DS Rev. L Pub. 5/15 EN
36
©Semiconductor Components Industries, LLC, 2015.
AR0331: 1/3-Inch 3.1 Mp/Full HD Digital Image Sensor
Sensor Frame Rate
Row Period (TROW)
line_length_pck will determine the number of clock periods per row and the row period
(TROW) when combined with the sensor readout clock. line_length_pck includes both
the active pixels and the horizontal blanking time per row. The sensor utilizes two
readout paths, as seen in Figure 21 on page 29, allowing the sensor to output two pixels
during each pixel clock.
The minimum line_length_pck is defined as the maximum of the following three equa-
tions:
ADC Readout Limitation:
(EQ 5)
Digital Readout Limitation:
(EQ 6)
Output Interface Limitations:
(EQ 7)
Row Periods Per Frame
frame_length_lines determines the number of row periods (TROW) per frame. This
includes both the active and blanking rows. The minimum vertical blanking value is
defined by the number of OB rows read per frame, two embedded data rows, and two
blank rows. A minimum number of idle rows equal to the T2 integration time should be
added in HDR mode to allow for changes in integration time by an auto exposure algo-
rithm. For example, if the coarse integration time is 320 lines and the exposure ratio is
16x, then the minimum vertical blanking would be 8 + 2 + 2 + 20 = 32 rows. The
minimum (default) number of idle rows is 4.
(EQ 8)
The sensor is configured to output frame information in two embedded data rows by
setting R0x3064[8] to 1 (default). If R0x3064[8] is set to 0, the sensor will instead output
two blank rows. The data configured in the two embedded rows is defined in “Embedded
Data and Statistics” on page 45.
Notes:
1. min_vertical_blanking includes the default number (4) of idle rows.
Table 14:
Minimum Vertical Blanking Configuration
R0x3180[7:4]
OB Rows
min_vertical_blanking1
0x8 (Default)
8 OB Rows
8 OB + 8 = 16
0x4
4 OB Rows
4 OB + 8 = 12
0x2
2 OB Rows
2 OB + 8 = 10
line_length_pck
1100
1
3
---
x_addr_end
x_addr_start
1
+
x_odd_inc
1
+
 0.5
---------------------------------------------------------------------------
1
2
---
x_addr_end
x_addr_start
–1
+
x_odd_inc
1
+
 0.5
---------------------------------------------------------------------------
96
+
Minimum frame_length_lines
y_addr_end
y_addr_start
–1
+
y_odd_inc
1
+
 2
---------------------------------------------------------------------------
min_vertical_blanking
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com