Electronic Components Datasheet Search
  English  ▼

X  

PE4372 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4372
Description  N Female Connector Clamp-Solder Attachment For PE-B400, PE-B405, PE-C400
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4372 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4372 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4372 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
N Female Connector Clamp/Solder Attachment For PE-B400, PE-B405, PE-C400
Configuration
Connector
N Female
Connector Interface Type
PE-B400,PE-B405,PE-C400
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
1.59 [40.39]
Width/Dia., in [mm]
0.75 [19.05]
.
Weight, lbs [g]
0.123 [55.79]
Connector
Type
N Female
Contact Material and Plating
Brass, Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
N Female Connector Clamp/Solder Attachment For PE-B400, PE-B405, PE-C400 from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and
are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Female Connector Clamp/Solder Attachment For PE-B400, PE-B405, PE-C400 PE4372
URL: http://www.pasternack.com/n-female-standard-pe-b400-pe-b405-pe-c400-connector-pe4372-p.aspx
PE4372
PE4372 REV
N Female Connector Clamp/Solder Attachment
For PE-B400, PE-B405, PE-C400


Similar Part No. - PE4372

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4372 PASTERNACK-PE4372 Datasheet
318Kb / 3P
N Female Connector Clamp/Solder Attachment
PE4372 PASTERNACK-PE4372_16 Datasheet
318Kb / 3P
N Female Connector Clamp/Solder Attachment
More results

Similar Description - PE4372

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44293 PASTERNACK-PE44293 Datasheet
229Kb / 3P
TNC Male Connector Crimp/Solder Attachment For PE-B400, PE-B405, PE-C400
PE4726 PASTERNACK-PE4726 Datasheet
272Kb / 2P
RP BNC Male Connector Clamp/Solder Attachment For PE-B400, PE-B405
PE4133 PASTERNACK-PE4133 Datasheet
245Kb / 3P
N Male Connector Clamp/Solder Attachment For PE-B400, PE-B405, PE-C400
PE4386 PASTERNACK-PE4386 Datasheet
306Kb / 2P
BNC Male Connector Clamp/Solder Attachment For PE-B400, PE-B405, PE-C400
PE44054 PASTERNACK-PE44054 Datasheet
206Kb / 2P
UHF Male Connector Crimp/Solder Attachment For PE-B400, PE-B405, PE-C400
PE4943 PASTERNACK-PE4943 Datasheet
116Kb / 1P
N FEMALE BULKHEAD CLAMP ATTACHMENT FOR BELDEN 9913 & 9914 PE-B405 PE-B400 PE-C400 LMR400
PE4944 PASTERNACK-PE4944 Datasheet
103Kb / 1P
N FEMALE BULKHEAD CRIMP ATTACHMENT FOR BELDEN 9913 @ 9914 PE-B405 PE-B400 PE-C400 &LMR400
PE44470 PASTERNACK-PE44470 Datasheet
206Kb / 2P
RP N Male Connector Crimp-Solder Attachment For PE-B400, PE-B405, PE-C400
PE4449 PASTERNACK-PE4449 Datasheet
209Kb / 2P
TNC Male Connector Clamp - Solder Attachment For PE-B400, PE-B405, PE-C400
PE4674 PASTERNACK-PE4674 Datasheet
217Kb / 2P
RP TNC Male Connector Clamp - Solder Attachment For PE-B400, PE-B405
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com