Electronic Components Datasheet Search
  English  ▼

X  

PE4430 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4430
Description  N Male Connector Crimp-Solder Attachment for RG213, RG8
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4430 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4430 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4430 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4430 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
N Male
Connector Interface Type
RG213, RG8
Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Impedance
50 Ohms
Maximum VSWR
1.5:1
Maximum Operating Voltage
1,000 Volts
Dielectric Withstanding Voltage
2,500 Vrms
Mechanical Specifications
Temperature
Operating Range
-65 to +165 deg C
Size
Length
1.57 in [39.88 mm]
Width/Dia.
0.82 in [20.83 mm]
.
Weight
0.082 lbs [37.19 g]
Connector
Type
N Male
Contact Material and Plating
Brass, Gold
Contact Plating Specification
30µ in. minimum
Coupling Nut Material and Plating
Brass, Nickel
Coupling Nut Plating Specification
100 µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Male Connector Crimp/Solder Attachment for RG213, RG8 PE4430
PE4430
PE4430 REV 1.1
N Male Connector Crimp/Solder Attachment for RG213, RG8


Similar Part No. - PE4430

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4430 PASTERNACK-PE4430 Datasheet
349Kb / 3P
N Male Connector Crimp/Solder Attachment
PE44300 PASTERNACK-PE44300 Datasheet
267Kb / 3P
MCX Jack Connector Crimp/Solder Attachment For RG178, RG196
PE44301 PASTERNACK-PE44301 Datasheet
270Kb / 3P
MCX Jack Bulkhead Connector Crimp/Solder Attachment For RG179, RG187, .177 inch D Hole
PE44302 PASTERNACK-PE44302 Datasheet
219Kb / 3P
75 Ohm MCX Jack Connector Solder Attachment Surface Mount PCB
PE44303 PASTERNACK-PE44303 Datasheet
202Kb / 2P
MCX Jack Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
More results

Similar Description - PE4430

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4295 PASTERNACK-PE4295 Datasheet
251Kb / 2P
UHF Male Connector Crimp/Solder Attachment For RG213, RG8
PE4446 PASTERNACK-PE4446 Datasheet
108Kb / 1P
TNC MALE CRIMP ATTACHMENT FOR RG8 & RG213
PE44478 PASTERNACK-PE44478 Datasheet
85Kb / 1P
REVERSE POLARITY N FEMALE CRIMP ATTACHMENT FOR RG8 &RG213
PE4940 PASTERNACK-PE4940 Datasheet
86Kb / 1P
N FEMALE BULKHEAD CRIMP ATTACHMENT FOR RG8 & RG213
PE4482 PASTERNACK-PE4482 Datasheet
109Kb / 1P
N MALE RIGHT ANGLE CRIMP ATTACHMENT FOR RG8 & RG213
PE4378 PASTERNACK-PE4378 Datasheet
261Kb / 2P
BNC Male Connector Crimp/Solder Attachment For RG213, RG8
PE4493 PASTERNACK-PE4493 Datasheet
108Kb / 1P
MHV MALE CRIMP ATTACHMENT FOR RG8 & RG213
PE4570 PASTERNACK-PE4570 Datasheet
110Kb / 1P
7/16 MALE CRIMP ATTACHMENT FOR RG8 &RG213
PE4712 PASTERNACK-PE4712 Datasheet
85Kb / 1P
REVERSE POLARITY BNC MALE CRIMP ATTACHMENT FOR RG8 & RG213
PE44472 PASTERNACK-PE44472 Datasheet
251Kb / 2P
RP N Male Connector Crimp-Solder Attachment For RG213, RG8
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com