Electronic Components Datasheet Search
  English  ▼

X  

PE4442 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4442
Description  N Female Bulkhead Connector Crimp-Solder Attachment For RG174, RG316, RG188, .640 inch DD Hole
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4442 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4442 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4442 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4442 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
N Female Bulkhead Connector Crimp/Solder Attachment For RG174, RG316, RG188, .640 inch DD Hole
Configuration
Connector
N Female
Connector Specification
MIL-STD-348A
Connector Interface Type
RG174,RG316,RG188
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Frequency Range, GHz
DC to 11
Impedance, Ohms
50
Maximum Operating Voltage, Volts
500
Dielectric Withstanding Voltage, Vrms
1,500
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
1.59 [40.39]
Width/Dia., in [mm]
0.81 [20.57]
.
Weight, lbs [g]
0.082 [37.19]
Connector
Type
N Female
Mating Cycles
100
Contact Material and Plating
Brass, Gold
Contact Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: N Female Bulkhead Connector Crimp/Solder Attachment For RG174, RG316, RG188,
.640 inch DD Hole PE4442
PE4442
PE4442 REV
N Female Bulkhead Connector Crimp/Solder Attachment
For RG174, RG316, RG188, .640 inch DD Hole


Similar Part No. - PE4442

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4442 PASTERNACK-PE4442 Datasheet
321Kb / 3P
N Female Bulkhead Mount Connector Crimp/Solder Attachment
PE4442 PASTERNACK-PE4442 Datasheet
291Kb / 1P
N FEMALE BULKHEAD CLAMP ATTACHMENT
PE4442-DS PASTERNACK-PE4442-DS Datasheet
291Kb / 1P
N FEMALE BULKHEAD CLAMP ATTACHMENT
PE44420 PASTERNACK-PE44420 Datasheet
250Kb / 2P
SSMA Male Right Angle Connector Solder Attachment For PE-034SR
PE44421 PASTERNACK-PE44421 Datasheet
270Kb / 3P
SSMA Male Right Angle Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
More results

Similar Description - PE4442

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4466 PASTERNACK-PE4466 Datasheet
330Kb / 3P
TNC Female Bulkhead Connector Crimp/Solder Attachment For RG174, RG316, RG188, .480 inch D Hole
PE4427 PASTERNACK-PE4427 Datasheet
255Kb / 2P
SMA Female Bulkhead Connector Crimp/Solder Attachment For RG316, RG174, RG188, .235 inch D Hole
PE4106 PASTERNACK-PE4106 Datasheet
318Kb / 3P
BNC Female Bulkhead Connector Crimp/Solder Attachment For RG174, RG316, RG188, .480 inch D Hole
PE4438 PASTERNACK-PE4438 Datasheet
280Kb / 2P
N Female Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE44388 PASTERNACK-PE44388 Datasheet
226Kb / 3P
SSMA Female Bulkhead Connector Crimp/Solder Attachment For RG174, RG316, RG188, .177 inch D Hole
PE44254 PASTERNACK-PE44254 Datasheet
246Kb / 2P
1.0/2.3 Jack Bulkhead Connector Crimp-Solder Attachment For RG174, RG316, RG188, .217 inch DD Hole
PE44767 PASTERNACK-PE44767 Datasheet
219Kb / 2P
N Female Bulkhead Connector Crimp-Solder Attachment For LMR-200, .640 inch DD Hole
PE44507 PASTERNACK-PE44507 Datasheet
227Kb / 3P
QMA Female Bulkhead Connector Crimp - Solder Attachment For RG174, RG316, RG188, .268 inch D Hole
PE45173 PASTERNACK-PE45173 Datasheet
398Kb / 2P
N Female Bulkhead Mount Connector Clamp - Solder Attachment for RG188-DS, RG316-DS, .640 inch DD Hole
PE44643 PASTERNACK-PE44643 Datasheet
208Kb / 2P
SMA Female Bulkhead Connector Crimp - Solder Attachment For RG174, RG188, RG316, .252 inch D Hole
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com