Electronic Components Datasheet Search
  English  ▼

X  

PE4487 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4487
Description  N Female Hermetically Sealed Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4487 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4487 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4487 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
N Female Hermetically Sealed Connector Solder Attachment
4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
N Female Hermetically Sealed Connector Solder Attachment 4 Hole Flange Solder Cup Terminal,
.718 inch Hole Spacing
Configuration
Connector
N Female
Connector Interface Type
Solder Cup
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Mount Method
4 Hole Flange
Isolated Ground / Hermetic
Hermetically Sealed
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
1.07 [27.18]
Width/Dia., in [mm]
1 [25]
Height, in [mm]
1 [25.4]
.
Weight, lbs [g]
0.068 [30.84]
Connector
Type
N Female
Contact Material and Plating
Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
N Female Hermetically Sealed Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber
optic products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Female Hermetically Sealed Connector Solder Attachment 4 Hole Flange Solder Cup Terminal,
.718 inch Hole Spacing PE4487
URL: http://www.pasternack.com/n-female-standard-solder-cup-terminal-connector-pe4487-p.aspx
PE4487
PE4487 REV


Similar Part No. - PE4487

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4487 PASTERNACK-PE4487 Datasheet
317Kb / 3P
N Female Hermetically Sealed Connector Solder Attachment
PE44872 PASTERNACK-PE44872 Datasheet
253Kb / 3P
75 Ohm SMB Jack Connector Crimp-Solder Attachment For RG179, RG187
PE44874 PASTERNACK-PE44874 Datasheet
246Kb / 3P
MMCX Plug Connector Crimp-Solder Attachment For RG188-DS, RG316-DS
PE44875 PASTERNACK-PE44875 Datasheet
253Kb / 3P
SMB Jack Right Angle Bulkhead Connector Solder Attachment Thru Hole PCB, .177 inch D Hole
PE44876 PASTERNACK-PE44876 Datasheet
241Kb / 3P
SMC Plug Right Angle Connector Crimp - Solder Attachment For RG316-DS, RG188-DS
More results

Similar Description - PE4487

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4131 PASTERNACK-PE4131 Datasheet
239Kb / 2P
N Male Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE4218 PASTERNACK-PE4218 Datasheet
217Kb / 3P
SMA Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE4012 PASTERNACK-PE4012 Datasheet
238Kb / 2P
UHF Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE4013 PASTERNACK-PE4013 Datasheet
244Kb / 2P
N FEMALE Connector Solder Attachment 4 Hole Panel Solder Cup Terminal, .718 inch Hole SPACING
PE4241 PASTERNACK-PE4241 Datasheet
251Kb / 2P
C Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE4322 PASTERNACK-PE4322 Datasheet
205Kb / 2P
SC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE4395 PASTERNACK-PE4395 Datasheet
219Kb / 3P
BNC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE4486 PASTERNACK-PE4486 Datasheet
229Kb / 3P
N Female Right Angle Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE4503 PASTERNACK-PE4503 Datasheet
217Kb / 3P
75 Ohm N Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE4218 PASTERNACK-PE4218_16 Datasheet
320Kb / 3P
SMA Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal, .718 inch Hole Spacing
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com