Electronic Components Datasheet Search
  English  ▼

X  

PE4488 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4488
Description  N Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .380 inch Diameter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4488 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4488 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4488 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
N Female Bulkhead Connector Solder Attachment
Solder Cup Terminal, .380 inch Diameter
N Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .380 inch Diameter
Configuration
Connector
N Female
Connector Specification
MIL-STD-348A
Connector Interface Type
Solder Cup
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Frequency Range, GHz
DC to 11
Impedance, Ohms
50
Maximum Operating Voltage, Volts
1,000
Dielectric Withstanding Voltage, Vrms
2,500
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
1.134 [28.8]
Width/Dia., in [mm]
0.63 [16]
Weight, lbs [g]
0.055 [24.95]
Connector
Type
N Female
Contact Material and Plating
Brass, Gold
Contact Plating Specification
50µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/n-female-standard-solder-cup-terminal-connector-pe4488-p.aspx
N Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .380 inch Diameter from Pasternack Enterprises has
same day shipment for domestic and International orders. We maintain 99% availability of the industry’s broadest selection of
RF, microwave and fiber optic products.
PE4488
PE4488 REV


Similar Part No. - PE4488

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4488 PASTERNACK-PE4488 Datasheet
346Kb / 3P
N Female Bulkhead Mount Connector Solder Attachment
PE44880 PASTERNACK-PE44880 Datasheet
255Kb / 3P
SMP Male Full Detent Connector Solder Attachment End Launch PCB, Up To 8 GHz
PE44886 PASTERNACK-PE44886 Datasheet
395Kb / 2P
Standard BNC Female Bulkhead Mount Connector Clamp - Solder Attachment for RG316-DS, RG188-DS IP 67 Rated
PE44887 PASTERNACK-PE44887 Datasheet
385Kb / 3P
BNC Female Connector Clamp/Solder Attachment 4 Hole Flange Mount for RG316, RG188, RG174 IP 67 Rated
PE44888 PASTERNACK-PE44888 Datasheet
418Kb / 3P
BNC Female Connector Solder Attachment 4 Hole Flange Mount for PE-047SR, PE-SR047FL, PE-SR047AL IP 68 Rated
More results

Similar Description - PE4488

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4549 PASTERNACK-PE4549 Datasheet
297Kb / 2P
SMA Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .250 inch Diameter
PE4506 PASTERNACK-PE4506 Datasheet
228Kb / 3P
75 Ohm N Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .380 inch Diameter
PE4193 PASTERNACK-PE4193 Datasheet
257Kb / 3P
MHV Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .380 inch DD HOLE
PE44076 PASTERNACK-PE44076 Datasheet
220Kb / 3P
N Female Press In Connector Solder Attachment Solder Cup Terminal, .500 inch Diameter
PE4311 PASTERNACK-PE4311 Datasheet
243Kb / 2P
MHV Female Bulkhead Hermetically Sealed Connector Solder Attachment Solder Cup Terminal, .380 inch DD Hole
PE4549 PASTERNACK-PE4549_16 Datasheet
316Kb / 3P
SMA Female Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PE4065 PASTERNACK-PE4065_16 Datasheet
355Kb / 3P
TNC Female Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PE4137 PASTERNACK-PE4137_17 Datasheet
351Kb / 3P
N Female Bulkhead Mount Pressurized Connector Solder Attachment Solder Cup Terminal
PE4193 PASTERNACK-PE4193_16 Datasheet
349Kb / 3P
MHV Female Bulkhead Mount Connector Solder Attachment Solder Cup Terminal, .380 inch DD Hole
PE44330 PASTERNACK-PE44330 Datasheet
344Kb / 3P
75 Ohm F Female Bulkhead Mount Connector Solder Attachment Pin Terminal, .380 inch Diameter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com