Electronic Components Datasheet Search
  English  ▼

X  

PE44066 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44066
Description  N Female Connector Crimp-Solder Attachment 4 Hole Flange For RG214, RG9, RG225, RG393, .718 inch Hole Spacing
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44066 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44066 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44066 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44066 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
N Female Connector Crimp/Solder Attachment 4 Hole Flange For RG214, RG9, RG225, RG393, .718 inch
Hole Spacing
Configuration
Connector
N Female
Connector Interface Type
RG214,RG9,RG225,RG393
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Mount Method
4 Hole Flange
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
1.645 [41.78]
Width/Dia., in [mm]
1 [25.40]
Height, in [mm]
1 [25.4]
.
Weight, lbs [g]
0.082 [37.19]
Connector
Type
N Female
Contact Material and Plating
Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Female Connector Crimp/Solder Attachment 4 Hole Flange For RG214, RG9, RG225,
RG393, .718 inch Hole Spacing PE44066
PE44066
PE44066 REV 01
N Female Connector Crimp/Solder Attachment 4 Hole Flange
For RG214, RG9, RG225, RG393, .718 inch Hole Spacing


Similar Part No. - PE44066

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4406 PASTERNACK-PE4406 Datasheet
115Kb / 1P
SMA MALE RIGHT ANGLE SOLDER ATTACHMENT
PE44060 PASTERNACK-PE44060 Datasheet
205Kb / 2P
UHF Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .575 inch D Hole, Rear Mount
PE44061 PASTERNACK-PE44061 Datasheet
107Kb / 1P
TNC MALE, CLAMP ATTACHMENT FOR PE-C200 & LMR200
PE44062 PASTERNACK-PE44062 Datasheet
93Kb / 1P
TNC MALE CRIMP ATTACHMENT FOR PE-C200 & LMR200
PE44063 PASTERNACK-PE44063 Datasheet
310Kb / 3P
TNC Male Connector Clamp - Solder Attachment For RG8X, PE-C240, 0.240 inch
More results

Similar Description - PE44066

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4060 PASTERNACK-PE4060 Datasheet
327Kb / 2P
N Female Connector Clamp/Solder (Captive Contact) Attachment 4 Hole Flange For RG213, RG214, RG8, RG9, RG11, RG225, RG393, .718 inch Hole Sp
PE44112 PASTERNACK-PE44112 Datasheet
282Kb / 3P
MHV Female Connector Clamp/Solder Attachment 4 Hole Flange For RG213, RG214, RG8, RG9, RG11 RG225, RG393, .718 inch Hole Spacing
PE4048 PASTERNACK-PE4048 Datasheet
266Kb / 3P
N Male Connector Crimp/Solder Attachment For RG214, RG9, RG225, RG393
PE4374 PASTERNACK-PE4374 Datasheet
224Kb / 3P
C Female Connector Crimp/Solder Attachment 4 Hole Flange For RG214,RG9,RG225,RG393, .718 inch Hole Spacing
PE4375 PASTERNACK-PE4375 Datasheet
247Kb / 2P
C Male Connector Crimp/Solder Attachment For RG214, RG9, RG225, RG393
PE4352 PASTERNACK-PE4352 Datasheet
220Kb / 2P
GR874 Sexless Connector Crimp/Solder Attachment For RG214, RG9, RG225, RG393
PE4932 PASTERNACK-PE4932 Datasheet
215Kb / 2P
N Female Bulkhead Connector Crimp/Solder Attachment For RG214, RG9, RG225, RG393, .640 inch DD Hole
PE4941 PASTERNACK-PE4941 Datasheet
266Kb / 2P
N Female Bulkhead Connector Crimp/Solder Attachment For RG214, RG9, RG225, RG393, .640 inch DD Hole
PE4967 PASTERNACK-PE4967 Datasheet
241Kb / 3P
C Female Connector Clamp-Solder Attachment 4 Hole Flange For RG213, RG214, RG8, RG9, RG11, RG225, RG393, .718 inch Hole Spacing
PE44477 PASTERNACK-PE44477 Datasheet
204Kb / 2P
RP N Female Connector Crimp-Solder Attachment For RG214, RG9, RG225, RG393
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com