Electronic Components Datasheet Search
  English  ▼

X  

PE44074 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44074
Description  N Female Press In Connector Solder Attachment Pin Terminal, .500 inch Diameter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44074 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44074 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44074 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
N Female Press In Connector Solder Attachment Pin Terminal, .500 inch Diameter
Configuration
Connector
N Female
Connector Interface Type
Pin
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Mount Method
Press In
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
1.007 [25.58]
Width/Dia., in [mm]
0.625 [15.88]
.
Weight, lbs [g]
0.055 [24.95]
Connector
Type
N Female
Contact Material and Plating
Silver
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
N Female Press In Connector Solder Attachment Pin Terminal, .500 inch Diameter from Pasternack Enterprises has same
day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability
and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Female Press In Connector Solder Attachment Pin Terminal, .500 inch Diameter PE44074
URL: http://www.pasternack.com/n-female-standard-pin-terminal-connector-pe44074-p.aspx
PE44074
PE44074 REV
N Female Press In Connector Solder Attachment
Pin Terminal, .500 inch Diameter


Similar Part No. - PE44074

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4407 PASTERNACK-PE4407 Datasheet
228Kb / 3P
SMA Male Right Angle Connector Clamp - Solder Attachment For RG188-DS, RG316-DS
PE44070 PASTERNACK-PE44070 Datasheet
105Kb / 1P
N FEMALE PANEL MOUNT CLAMP ATTACHMENT FOR RG174 RG188& RG316
PE44071 PASTERNACK-PE44071 Datasheet
126Kb / 1P
N FEMALE, PANEL MOUNT, SOLDER/CLAMP ATTACHMENT FOR RG401, PE-SR401AL & PE-SR401FL
PE44072 PASTERNACK-PE44072 Datasheet
155Kb / 1P
N FEMALE, PANEL MOUNT, SOLDER/CLAMP ATTACHMENT FOR RG402, PE-SR402AL & PE-SR402FL
PE44073 PASTERNACK-PE44073 Datasheet
105Kb / 1P
N FEMALE, PANEL MOUNT, SOLDER/CLAMP ATTACHMENT FOR RG405, PE-SR405AL & PE-SR405FL
More results

Similar Description - PE44074

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44075 PASTERNACK-PE44075 Datasheet
237Kb / 2P
N Female Press In Connector Solder Attachment Tab Terminal, .500 inch Diameter
PE44240 PASTERNACK-PE44240 Datasheet
864Kb / 3P
SMA Femal Press In Connector Solder Attachment Tab Terminal, .200 inch Diameter
PE4549 PASTERNACK-PE4549 Datasheet
297Kb / 2P
SMA Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .250 inch Diameter
PE4506 PASTERNACK-PE4506 Datasheet
228Kb / 3P
75 Ohm N Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .380 inch Diameter
PE4139 PASTERNACK-PE4139 Datasheet
259Kb / 3P
N Female Bulkhead Connector Solder Attachment Pin Terminal, .640 inch DD Hole
PE44076 PASTERNACK-PE44076 Datasheet
220Kb / 3P
N Female Press In Connector Solder Attachment Solder Cup Terminal, .500 inch Diameter
PE44241 PASTERNACK-PE44241 Datasheet
211Kb / 2P
SMA Female Press In Connector Solder Attachment Pin Terminal, .200 inch Diameter
PE44618 PASTERNACK-PE44618 Datasheet
216Kb / 2P
BNC Female Bulkhead Connector Solder Attachment End Launch PCB, .500 inch Diameter
PE4488 PASTERNACK-PE4488 Datasheet
870Kb / 2P
N Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .380 inch Diameter
PE44330 PASTERNACK-PE44330 Datasheet
344Kb / 3P
75 Ohm F Female Bulkhead Mount Connector Solder Attachment Pin Terminal, .380 inch Diameter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com