Electronic Components Datasheet Search
  English  ▼

X  

PE44082 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44082
Description  Mini UHF Male Right Angle Connector Crimp - Solder Attachment For RG58
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44082 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44082 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44082 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
Mini UHF Male Right Angle Connector Crimp/
Solder Attachment For RG58
Mini UHF Male Right Angle Connector Crimp/Solder Attachment For RG58
Configuration
Connector
Mini UHF Male
Connector Interface Type
RG58
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Right Angle
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
1.342 [34.09]
Width/Dia., in [mm]
0.452 [11]
Height, in [mm]
1.023 [25.98]
.
Weight, lbs [g]
0.041 [18.6]
Connector
Type
Mini UHF Male
Contact Material and Plating
Brass, Gold
Contact Plating Specification
3µ in. minimum
Coupling Nut Material and Plating
Brass, Nickel
Coupling Nut Plating Specification
100µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/mini-uhf-male-standard-rg58-connector-pe44082-p.aspx
Mini UHF Male Right Angle Connector Crimp/Solder Attachment For RG58 from Pasternack Enterprises has same day
shipment for domestic and International orders. We maintain 99% availability of the industry’s broadest selection of RF,
microwave and fiber optic products.
PE44082
PE44082 REV


Similar Part No. - PE44082

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4408 PASTERNACK-PE4408 Datasheet
285Kb / 3P
SMA Male Right Angle Connector Crimp - Solder Attachment For RG188-DS, RG316-DS
PE4408 PASTERNACK-PE4408 Datasheet
370Kb / 3P
SMA Male Right Angle Connector Crimp/Solder Attachment
PE44080 PASTERNACK-PE44080 Datasheet
301Kb / 2P
SHV Jack Bulkhead Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400, .480 inch D Hole
PE44081 PASTERNACK-PE44081 Datasheet
88Kb / 1P
MINI UHF MALE RIGHT ANGLE CRIMP ATTACHMENT FOR RG55 RG141 RG142 RG223 &RG400
PE44083 PASTERNACK-PE44083 Datasheet
89Kb / 1P
MINI UHF FEMALE CRIMP ATTACHMENT FOR RG55 RG141 RG142 RG223 &RG400
More results

Similar Description - PE44082

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4405 PASTERNACK-PE4405 Datasheet
283Kb / 3P
SMA Male Right Angle Connector Crimp/ Solder Attachment For RG58
PE44058 PASTERNACK-PE44058 Datasheet
207Kb / 2P
UHF Female Connector Crimp/Solder Attachment For RG58
PE4451 PASTERNACK-PE4451 Datasheet
297Kb / 3P
TNC Male Right Angle Connector Crimp/ Solder Attachment For RG58
PE4342 PASTERNACK-PE4342 Datasheet
248Kb / 2P
Mini UHF Male Connector Crimp/Solder Attachment For RG58
PE44084 PASTERNACK-PE44084 Datasheet
205Kb / 2P
Mini UHF Female Connector Crimp/Solder Attachment For RG58
PE4069 PASTERNACK-PE4069 Datasheet
252Kb / 2P
UHF Male Connector Crimp/Solder Attachment For RG58
PE4730 PASTERNACK-PE4730 Datasheet
230Kb / 3P
RP BNC Male Right Angle Connector Crimp - Solder Attachment For RG58
PE4959 PASTERNACK-PE4959 Datasheet
221Kb / 3P
C Male Right Angle Connector Crimp-Solder Attachment For RG58
PE4342 PASTERNACK-PE4342_16 Datasheet
357Kb / 3P
Mini UHF Male Connector Crimp/Solder Attachment
PE44479 PASTERNACK-PE44479 Datasheet
82Kb / 1P
MINI UHF MALE, PUSH ON, CRIMP ATTACHMENT FOR RG58
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com