Electronic Components Datasheet Search
  English  ▼

X  

PE44454 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44454
Description  N Male Connector Crimp/Solder Attachment For PE-C600
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44454 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44454 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44454 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
N Male Connector Crimp/Solder Attachment For PE-C600
N Male Connector Crimp/Solder Attachment For PE-C600
Configuration
Connector
N Male
Connector Interface Type
PE-C600
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
2.04 [51.82]
Width/Dia., in [mm]
0.86 [22]
.
Weight, lbs [g]
0.165 [74.84]
Connector
Type
N Male
Contact Material and Plating
Brass, Gold
Coupling Nut Material and Plating
Brass, Tri-Metal
Body Material and Plating
Brass, Tri-Metal
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/n-male-standard-pe-c600-connector-pe44454-p.aspx
N Male Connector Crimp/Solder Attachment For PE-C600 from Pasternack Enterprises has same day shipment for domestic
and International orders. We maintain 99% availability of the industry’s broadest selection of RF, microwave and fiber optic
products.
PE44454
PE44454 REV


Similar Part No. - PE44454

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4445 PASTERNACK-PE4445 Datasheet
231Kb / 3P
C Male Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE4445 PASTERNACK-PE4445 Datasheet
317Kb / 3P
C Male Connector Crimp/Solder Attachment
PE44450 PASTERNACK-PE44450 Datasheet
228Kb / 2P
LC Female Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393
PE44451 PASTERNACK-PE44451 Datasheet
237Kb / 3P
LC Female Connector Clamp/Solder Attachment For RG218
PE44452 PASTERNACK-PE44452 Datasheet
205Kb / 2P
75 Ohm F Male Connector Crimp/Solder Attachment For RG6-CATV
More results

Similar Description - PE44454

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44350 PASTERNACK-PE44350 Datasheet
324Kb / 3P
N Female Connector Clamp/Solder Attachment For PE-C600
PE4344 PASTERNACK-PE4344 Datasheet
261Kb / 2P
N Male Connector Crimp/Solder Attachment For RG8X, PE-C240
PE44044 PASTERNACK-PE44044 Datasheet
223Kb / 3P
N Male Connector Crimp/Solder Attachment For PE-C200
PE44523 PASTERNACK-PE44523 Datasheet
246Kb / 2P
N Male Connector Crimp/Solder Attachment For PE-C600, 0.600 inch
PE44535 PASTERNACK-PE44535 Datasheet
256Kb / 2P
N Female Connector Crimp/Solder Attachment For PE-C600, 0.600 inch
PE44349 PASTERNACK-PE44349 Datasheet
236Kb / 3P
N Male Connector Clamp/Solder Attachment For PE-C600
PE44527 PASTERNACK-PE44527 Datasheet
215Kb / 2P
N Male Right Angle Connector Crimp/Solder Attachment For PE-C600, 0.600 inch
PE44543 PASTERNACK-PE44543 Datasheet
215Kb / 3P
7/16 DIN Male Right Angle Connector Crimp/ Solder Attachment For PE-C600, 0.600 inch
PE44539 PASTERNACK-PE44539 Datasheet
210Kb / 2P
7/16 DIN Male Connector Crimp/Non-Solder Contact Attachment For PE-C600, LMR-600
PE45001 PASTERNACK-PE45001 Datasheet
402Kb / 3P
7/16 DIN Male Connector Crimp/Non-Solder Contact Attachment for LMR-600, PE-C600
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com