Electronic Components Datasheet Search
  English  ▼

X  

PE44456 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44456
Description  MMCX Plug Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44456 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44456 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44456 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
MMCX Plug Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
Configuration
Connector
MMCX Plug
Connector Interface Type
PE-047SR,PE-SR047AL,PE-SR047FL
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.488 [12.4]
Width/Dia., in [mm]
0.16 [4.06]
.
Weight, lbs [g]
0.002 [0.91]
Connector
Type
MMCX Plug
Contact Material and Plating
Brass, Gold
Body Material and Plating
Brass, Gold
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
MMCX Plug Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL from Pasternack Enterprises has same
day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability
and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: MMCX Plug Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL PE44456
URL:
http://www.pasternack.com/mmcx-plug-standard-pe-047sr-pe-sr047al-pe-sr047fl-connector-pe44456-p.aspx
PE44456
PE44456 REV 01
MMCX Plug Connector Solder Attachment For
PE-047SR, PE-SR047AL, PE-SR047FL


Similar Part No. - PE44456

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4445 PASTERNACK-PE4445 Datasheet
231Kb / 3P
C Male Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE4445 PASTERNACK-PE4445 Datasheet
317Kb / 3P
C Male Connector Crimp/Solder Attachment
PE44450 PASTERNACK-PE44450 Datasheet
228Kb / 2P
LC Female Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393
PE44451 PASTERNACK-PE44451 Datasheet
237Kb / 3P
LC Female Connector Clamp/Solder Attachment For RG218
PE44452 PASTERNACK-PE44452 Datasheet
205Kb / 2P
75 Ohm F Male Connector Crimp/Solder Attachment For RG6-CATV
More results

Similar Description - PE44456

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44441 PASTERNACK-PE44441 Datasheet
251Kb / 2P
SSMA Male Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE4846 PASTERNACK-PE4846 Datasheet
256Kb / 2P
D-Sub Plug Contact Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE4974 PASTERNACK-PE4974 Datasheet
228Kb / 3P
BNC Male Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE4975 PASTERNACK-PE4975 Datasheet
219Kb / 3P
TNC Male Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE44457 PASTERNACK-PE44457 Datasheet
206Kb / 2P
MMCX Plug Right Angle Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE44459 PASTERNACK-PE44459 Datasheet
215Kb / 2P
MMCX Jack Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE4404 PASTERNACK-PE4404 Datasheet
384Kb / 3P
SMA Male Connector Solder Attachment For PE - 047SR, PE-SR047AL, PE-SR047FL
PE44425 PASTERNACK-PE44425 Datasheet
228Kb / 3P
SSMA Female Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE44757 PASTERNACK-PE44757 Datasheet
373Kb / 3P
SMA Male Connector Solder Attachment for PE-047SR, PE-SR047AL, PE-SR047FL
PE45366 PASTERNACK-PE45366 Datasheet
364Kb / 5P
SSMC Plug Connector Clamp/Solder Attachment for PE-047SR, PE-SR047AL, PE-SR047FL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com