Electronic Components Datasheet Search
  English  ▼

X  

PE44457 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44457
Description  MMCX Plug Right Angle Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44457 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44457 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44457 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
MMCX Plug Right Angle Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
Configuration
Connector
MMCX Plug
Connector Interface Type
PE-047SR,PE-SR047AL,PE-SR047FL
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Right Angle
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.333 [8.46]
Width/Dia., in [mm]
0.14 [3.56]
Height, in [mm]
0.276 [7.01]
.
Weight, lbs [g]
0.002 [0.91]
Connector
Type
MMCX Plug
Contact Material and Plating
Gold
Body Material and Plating
Brass, Gold
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
MMCX Plug Right Angle Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL from Pasternack
Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products
maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: MMCX Plug Right Angle Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-
SR047FL PE44457
URL:
http://www.pasternack.com/mmcx-plug-standard-pe-047sr-pe-sr047al-pe-sr047fl-connector-pe44457-p.aspx
PE44457
PE44457 REV 01
MMCX Plug Right Angle Connector Solder Attachment
For PE-047SR, PE-SR047AL, PE-SR047FL


Similar Part No. - PE44457

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4445 PASTERNACK-PE4445 Datasheet
231Kb / 3P
C Male Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE4445 PASTERNACK-PE4445 Datasheet
317Kb / 3P
C Male Connector Crimp/Solder Attachment
PE44450 PASTERNACK-PE44450 Datasheet
228Kb / 2P
LC Female Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393
PE44451 PASTERNACK-PE44451 Datasheet
237Kb / 3P
LC Female Connector Clamp/Solder Attachment For RG218
PE44452 PASTERNACK-PE44452 Datasheet
205Kb / 2P
75 Ohm F Male Connector Crimp/Solder Attachment For RG6-CATV
More results

Similar Description - PE44457

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44039 PASTERNACK-PE44039 Datasheet
830Kb / 2P
D-Sub Plug Right Angle Contact Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE44274 PASTERNACK-PE44274 Datasheet
279Kb / 2P
SMP Female Right Angle Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE44421 PASTERNACK-PE44421 Datasheet
270Kb / 3P
SSMA Male Right Angle Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE4410 PASTERNACK-PE4410 Datasheet
221Kb / 3P
SMA Male Right Angle Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE44456 PASTERNACK-PE44456 Datasheet
208Kb / 2P
MMCX Plug Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE44459 PASTERNACK-PE44459 Datasheet
215Kb / 2P
MMCX Jack Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE45282 PASTERNACK-PE45282 Datasheet
681Kb / 3P
SMA Male Right Angle Connector Solder Attachment for PE-047SR, PE-SR047AL, PE-SR047FL
PE45366 PASTERNACK-PE45366 Datasheet
364Kb / 5P
SSMC Plug Connector Clamp/Solder Attachment for PE-047SR, PE-SR047AL, PE-SR047FL
PE45385 PASTERNACK-PE45385 Datasheet
367Kb / 5P
SSMC Plug Right Angle Connector Solder Attachment for PE-047SR, PE-SR047AL, PE-SR047FL
PE45388 PASTERNACK-PE45388 Datasheet
384Kb / 5P
SSMC Jack Right Angle Connector Solder Attachment for PE-047SR, PE-SR047AL, PE-SR047FL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com