Electronic Components Datasheet Search
  English  ▼

X  

PE44492 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44492
Description  Mini SMP Female Connector Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44492 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44492 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44492 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44492 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Mini SMP Female Connector Solder Attachment
For PE-SR405AL, PE-SR405FL, RG405
Mini SMP Female Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
Configuration
Connector
Mini SMP Female
Connector Specification
MIL-STD-348A
Connector Interface Type
PE-SR405AL,PE-SR405FL,RG405
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 65
Impedance, Ohms
50
Maximum Operating Voltage, Volts
325
Frequency 1
Frequency, GHz
DC to 18
VSWR
1.11:1
Return Loss, dB
26
Insertion Loss, dB
0.21
Frequency 2
Frequency, GHz
18 to 26.5
VSWR
1.22:1
Return Loss, dB
20
Frequency 3
Frequency, GHz
26.5 to 50
VSWR
1.5:1
Return Loss, dB
14
Insertion Loss, dB
0.26
Mechanical Specifications
Temperature
Operating Range, deg C
-55 to +155
Size
Length, in [mm]
0.343 [8.71]
Width/Dia., in [mm]
0.138 [4]
.
Weight, lbs [g]
0.006 [2.72]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: Mini SMP Female Connector Solder Attachment For PE-SR405AL, PE-SR405FL,
RG405 PE44492
PE44492
PE44492 REV


Similar Part No. - PE44492

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4449 PASTERNACK-PE4449 Datasheet
209Kb / 2P
TNC Male Connector Clamp - Solder Attachment For PE-B400, PE-B405, PE-C400
PE4449 PASTERNACK-PE4449 Datasheet
321Kb / 3P
TNC Male Connector Clamp/Solder Attachment
PE44490 PASTERNACK-PE44490 Datasheet
267Kb / 3P
Mini SMP Male Connector Solder Attachment End Launch PCB
PE44491 PASTERNACK-PE44491 Datasheet
231Kb / 3P
Mini SMP Female Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE44493 PASTERNACK-PE44493 Datasheet
286Kb / 3P
Mini SMP Female Right Angle Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
More results

Similar Description - PE44492

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44491 PASTERNACK-PE44491 Datasheet
231Kb / 3P
Mini SMP Female Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE44490 PASTERNACK-PE44490 Datasheet
267Kb / 3P
Mini SMP Male Connector Solder Attachment End Launch PCB
PE44489 PASTERNACK-PE44489 Datasheet
253Kb / 3P
Mini SMP Male Connector Solder Attachment Surface Mount PCB
PE44971 PASTERNACK-PE44971 Datasheet
376Kb / 3P
Mini SMP Female Connector Solder Attachment for PE-047SR, PE-SR047FL
PE44972 PASTERNACK-PE44972 Datasheet
375Kb / 3P
Mini SMP Female Right Angle Connector Solder Attachment for RG405, PE-SR405FL
PE44974 PASTERNACK-PE44974 Datasheet
364Kb / 3P
Mini SMP Female Connector Solder Attachment for RG405, PE-SR405FL
PE44655 PASTERNACK-PE44655 Datasheet
284Kb / 3P
SMP Female Connector Solder Attachment For RG178, RG196
PE44917 PASTERNACK-PE44917 Datasheet
373Kb / 3P
SMP Female Connector Solder Attachment for .086 Microporous
PE44939 PASTERNACK-PE44939 Datasheet
378Kb / 3P
SMP Female Connector Solder Attachment Thru Hole PCB
PE44494 PASTERNACK-PE44494 Datasheet
383Kb / 3P
Mini SMP Female Right Angle Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com