Electronic Components Datasheet Search
  English  ▼

X  

PE44520 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE44520
Description  N Male Connector Crimp-Crimp Attachment for PE-C195, .195 inch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44520 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE44520 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44520 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44520 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
•
Values at +25 °C, sea level
N Male Connector Crimp/Crimp Attachment for PE-C195, .195 inch from Pasternack Enterprises has same day shipment for
domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99% availability and are part
of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Male Connector Crimp/Crimp Attachment for PE-C195, .195 inch PE44520
URL: http://www.pasternack.com/n-male-standard-pe-c195-0.195-connector-pe44520-p.aspx
PE44520
PE44520 REV 1.0
N Male Connector Crimp/Crimp Attachment
for PE-C195, .195 inch



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com