Electronic Components Datasheet Search
  English  ▼

X  

PE44522 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44522
Description  N Male Connector Crimp-Solder Attachment For PE-C400, 0.400 inch, PE-B400, PE-B405, LMR-400
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44522 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44522 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44522 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
N Male Connector Crimp/Solder Attachment For
PE-C400, 0.400 inch, PE-B400, PE-B405, LMR-400
N Male Connector Crimp/Solder Attachment For PE-C400, 0.400 inch, PE-B400, PE-B405, LMR-400
Configuration
Connector
N Male
Connector Specification
MIL-C-39012
Connector Interface Type
PE-C400,0.400 inch,PE-B400,PE-B405,LMR-400
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
1.48 [37.59]
Width/Dia., in [mm]
0.83 [21]
.
Weight, lbs [g]
0.08 [36.29]
Connector
Type
N Male
Contact Material and Plating
Brass, Gold
Contact Plating Specification
15µ in. minimum
Coupling Nut Material and Plating
Brass, Tri-Metal
Hex Size, mm
18
Torque, in-lbs [Nm]
9 [1.02]
Body Material and Plating
Brass, Tri-Metal
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/n-male-standard-pe-c400-0.400-pe-b400-pe-b405-lmr-400-connector-pe44522-p.aspx
N Male Connector Crimp/Solder Attachment For PE-C400, 0.400 inch, PE-B400, PE-B405, LMR-400 from Pasternack
Enterprises has same day shipment for domestic and International orders. We maintain 99% availability of the industry’s
broadest selection of RF, microwave and fiber optic products.
PE44522
PE44522 REV


Similar Part No. - PE44522

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4452 PASTERNACK-PE4452 Datasheet
206Kb / 2P
TNC Male Right Angle Connector Clamp - Solder Attachment For RG59, RG62
PE44520 PASTERNACK-PE44520 Datasheet
361Kb / 3P
N Male Connector Crimp-Crimp Attachment for PE-C195, .195 inch
PE44521 PASTERNACK-PE44521 Datasheet
264Kb / 2P
N Male Connector Crimp-Solder Attachment For PE-C240, 0.240 inch
PE44523 PASTERNACK-PE44523 Datasheet
246Kb / 2P
N Male Connector Crimp/Solder Attachment For PE-C600, 0.600 inch
PE44524 PASTERNACK-PE44524 Datasheet
265Kb / 2P
N Male Right Angle Connector Crimp/Solder Attachment For PE-C195, 0.195 inch
More results

Similar Description - PE44522

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44293 PASTERNACK-PE44293 Datasheet
229Kb / 3P
TNC Male Connector Crimp/Solder Attachment For PE-B400, PE-B405, PE-C400
PE4550 PASTERNACK-PE4550 Datasheet
264Kb / 3P
N Male Connector Crimp/Solder Attachment For PEB400 PE-B405, PE-C400, LMR-400, 0.400 inch
PE4133 PASTERNACK-PE4133 Datasheet
245Kb / 3P
N Male Connector Clamp/Solder Attachment For PE-B400, PE-B405, PE-C400
PE4386 PASTERNACK-PE4386 Datasheet
306Kb / 2P
BNC Male Connector Clamp/Solder Attachment For PE-B400, PE-B405, PE-C400
PE44054 PASTERNACK-PE44054 Datasheet
206Kb / 2P
UHF Male Connector Crimp/Solder Attachment For PE-B400, PE-B405, PE-C400
PE44470 PASTERNACK-PE44470 Datasheet
206Kb / 2P
RP N Male Connector Crimp-Solder Attachment For PE-B400, PE-B405, PE-C400
PE44666 PASTERNACK-PE44666 Datasheet
215Kb / 3P
RP SMA Male Connector Crimp - Solder Attachment For PE-B400, PE-B405, PE-C400, LMR-400, LMR-400-DB, LMR-400-UF
PE44667 PASTERNACK-PE44667 Datasheet
211Kb / 2P
RP SMA Female Connector Crimp - Solder Attachment For PE-B400, PE-B405, PE-C400, LMR-400, LMR-400-DB, LMR-400-UF
PE4449 PASTERNACK-PE4449 Datasheet
209Kb / 2P
TNC Male Connector Clamp - Solder Attachment For PE-B400, PE-B405, PE-C400
PE44673 PASTERNACK-PE44673 Datasheet
208Kb / 2P
RP TNC Female Connector Crimp - Solder Attachment For PE-C400, PE-B400, PE-B405, LMR-400, LMR-400-DB, LMR-400-UF
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com