Electronic Components Datasheet Search
  English  ▼

X  

PE44552 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44552
Description  N Male Connector Clamp-Non-Solder Contact Attachment for 1-2 inch Helical
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44552 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44552 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44552 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44552 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
N Male
Connector Interface Type
1/2 inch Helical
Attachment Method (Shield/Contact)
Clamp/Non-Solder Contact
Body Style
Straight
Electrical Specifications
Impedance
50 Ohms
Mechanical Specifications
Size
Length
2.078 in [52.78 mm]
Width/Dia.
0.787 in [19.99 mm]
.
Weight
0.11 lbs [49.9 g]
Connector
Type
N Male
Contact Material and Plating
Brass, Silver
Coupling Nut Material and Plating
Brass, Tri-Metal
Hex Size
20 mm
Body Material and Plating
Brass, Tri-Metal
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
12/19/2011
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Male Connector Clamp/Non-Solder Contact Attachment for 1/2 inch Helical PE44552
PE44552
PE44552 REV 1.3
N Male Connector Clamp/Non-Solder Contact
Attachment for 1/2 inch Helical


Similar Part No. - PE44552

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4455 PASTERNACK-PE4455 Datasheet
213Kb / 2P
TNC Male Right Angle Connector Crimp - Solder Attachment For RG174, RG316, RG188
PE4455 PASTERNACK-PE4455 Datasheet
320Kb / 3P
TNC Male Right Angle Connector Crimp/Solder Attachment
PE44550 PASTERNACK-PE44550 Datasheet
291Kb / 2P
7/16 DIN Female Bulkhead Connector Crimp/Solder Attachment For PE-C400, 0.400 inch, 1.161 inch DD Hole
PE44551 PASTERNACK-PE44551 Datasheet
276Kb / 2P
7/16 DIN Female Bulkhead Connector Crimp/Solder Attachment For PE-C600, LMR-600, 1.161 inch DD Hole
PE44553 PASTERNACK-PE44553 Datasheet
215Kb / 2P
N Male Connector Clamp/Solder Attachment For 7/8 inch Helical
More results

Similar Description - PE44552

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44557 PASTERNACK-PE44557 Datasheet
349Kb / 2P
7/16 DIN Male Connector Clamp/Solder Attachment For 1/2 inch Helical
PE44559 PASTERNACK-PE44559 Datasheet
378Kb / 3P
7/16 DIN Male Right Angle Connector Clamp/ Solder Attachment For 1/2 inch Helical
PE44553 PASTERNACK-PE44553 Datasheet
215Kb / 2P
N Male Connector Clamp/Solder Attachment For 7/8 inch Helical
PE44554 PASTERNACK-PE44554 Datasheet
216Kb / 2P
N Male Right Angle Connector Clamp/Solder Attachment For 1/2 inch Helical
PE44555 PASTERNACK-PE44555 Datasheet
214Kb / 2P
N Female Connector Clamp/Solder Attachment For 1/2 inch Helical
PE44562 PASTERNACK-PE44562 Datasheet
318Kb / 2P
N Male Connector Clamp/Solder Attachment For 1/2 inch Annular
PE44729 PASTERNACK-PE44729 Datasheet
255Kb / 3P
N Male Low PIM Connector Clamp/Non-Solder Contact Attachment For 1/2??Superflexible, PE-1/2SFHC
PE44560 PASTERNACK-PE44560 Datasheet
233Kb / 3P
7/16 DIN Female Connector Clamp/Solder Attachment For 1/2 inch Helical
PE44979 PASTERNACK-PE44979 Datasheet
267Kb / 3P
7/16 DIN Male Right Angle Connector Clamp/Non-Solder Contact Attachment For 1/2 inch Helical, IP 68 Rated
PE45203 PASTERNACK-PE45203 Datasheet
384Kb / 3P
N Female Connector Clamp/Non-Solder Contact Attachment for 7/8 inch Helical
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com