Electronic Components Datasheet Search
  English  ▼

X  

PE44662 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44662
Description  MMCX Plug Connector Solder Attachment Surface Mount PCB
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44662 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44662 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44662 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44662 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
MMCX Plug Connector Solder Attachment Surface Mount PCB
Configuration
Connector
MMCX Plug
Connector Specification
BS EN 122340
Connector Interface Type
Surface Mount
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 3
Impedance, Ohms
50
Maximum VSWR
1.5:1
Maximum Operating Voltage, Volts
250
Dielectric Withstanding Voltage, Vrms
500
Mechanical Specifications
Temperature
Operating Range, deg C
-55 to +155
Size
Length, in [mm]
0.295 [7.49]
Width/Dia., in [mm]
0.287 [7.29]
.
Weight, lbs [g]
0.006 [2.72]
Connector
Type
MMCX Plug
Contact Material and Plating
Brass/Beryllium Copper, Gold
Contact Plating Specification
10µ in. minimum
Body Material and Plating
Brass, Gold
Body Plating Specification
3µ in. minimum
Dielectric Type
Teflon/LCP
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: MMCX Plug Connector Solder Attachment Surface Mount PCB PE44662
PE44662
PE44662 REV
MMCX Plug Connector Solder Attachment Surface Mount PCB


Similar Part No. - PE44662

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4466 PASTERNACK-PE4466 Datasheet
330Kb / 3P
TNC Female Bulkhead Connector Crimp/Solder Attachment For RG174, RG316, RG188, .480 inch D Hole
PE4466 PASTERNACK-PE4466 Datasheet
420Kb / 3P
TNC Female Bulkhead Mount Connector Crimp/Solder Attachment
PE44660 PASTERNACK-PE44660 Datasheet
226Kb / 3P
MCX Jack Connector Solder Attachment Surface Mount PCB, Switching Connector
PE44661 PASTERNACK-PE44661 Datasheet
228Kb / 3P
MCX Jack Connector Solder Attachment End Launch PCB
PE44663 PASTERNACK-PE44663 Datasheet
674Kb / 3P
MMCX Plug Connector Solder Attachment End Launch PCB
More results

Similar Description - PE44662

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44119 PASTERNACK-PE44119 Datasheet
248Kb / 2P
SMB Jack Connector Solder Attachment Surface Mount PCB
PE4897 PASTERNACK-PE4897 Datasheet
306Kb / 3P
MMCX Plug Connector Crimp/Solder Attachment For RG178, RG196
PE44120 PASTERNACK-PE44120 Datasheet
240Kb / 2P
SMC Jack Connector Solder Attachment Surface Mount PCB
PE44510 PASTERNACK-PE44510 Datasheet
202Kb / 2P
QMA Female Connector Solder Attachment Surface Mount PCB
PE4910 PASTERNACK-PE4910 Datasheet
262Kb / 3P
SMA Female Connector Solder Attachment Surface Mount PCB
PE4889 PASTERNACK-PE4889 Datasheet
214Kb / 2P
MCX Jack Connector Solder Attachment Surface Mount PCB
PE44613 PASTERNACK-PE44613 Datasheet
203Kb / 2P
MCX Plug Connector Solder Attachment Surface Mount PCB
PE44663 PASTERNACK-PE44663 Datasheet
674Kb / 3P
MMCX Plug Connector Solder Attachment End Launch PCB
PE44594 PASTERNACK-PE44594 Datasheet
345Kb / 3P
UMCX Jack Connector Solder Attachment Surface Mount PCB
PE45376 PASTERNACK-PE45376 Datasheet
361Kb / 4P
SSMC Jack Connector Solder Attachment Surface Mount PCB
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com