Electronic Components Datasheet Search
  English  ▼

X  

M37221 Datasheet(PDF) 21 Page - Mitsubishi Electric Semiconductor

Part # M37221
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER???
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37221 Datasheet(HTML) 21 Page - Mitsubishi Electric Semiconductor

Back Button M37221 Datasheet HTML 17Page - Mitsubishi Electric Semiconductor M37221 Datasheet HTML 18Page - Mitsubishi Electric Semiconductor M37221 Datasheet HTML 19Page - Mitsubishi Electric Semiconductor M37221 Datasheet HTML 20Page - Mitsubishi Electric Semiconductor M37221 Datasheet HTML 21Page - Mitsubishi Electric Semiconductor M37221 Datasheet HTML 22Page - Mitsubishi Electric Semiconductor M37221 Datasheet HTML 23Page - Mitsubishi Electric Semiconductor M37221 Datasheet HTML 24Page - Mitsubishi Electric Semiconductor M37221 Datasheet HTML 25Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 63 page
background image
M37221EF-XXXSP,M37221EFSP
MITSUBISHI MICROCOMPUTERS
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER
with ON-SCREEN DISPLAY CONTROLLER
21
(1) I2C Data Shift Register
The I2C data shift register (S0 : address 00D716) is an 8-bit shift
register to store receive data and write transmit data.
When transmit data is written into this register, it is transferred to the
outside from bit 7 in synchronization with the SCL clock, and each
time one-bit data is output, the data of this register are shifted one bit
to the left. When data is received, it is input to this register from bit 0
in synchronization with the SCL clock, and each time one-bit data is
input, the data of this register are shifted one bit to the left.
The I2C data shift register is in a write enable status only when the
ES0 bit of the I2C control register (address 00DA16) is “1.” The bit
counter is reset by a write instruction to the I2C data shift register.
When both the ES0 bit and the MST bit of the I2C status register
(address 00D916) are “1,” the SCL is output by a write instruction to
the I2C data shift register. Reading data from the I2C data shift regis-
ter is always enabled regardless of the ES0 bit value.
Note: To write data into the I2C data shift register after setting the
MST bit to “0” (slave mode), keep an interval of 8 machine
cycles or more.
(2) I2C Address Register
The I2C address register (address 00D816) consists of a 7-bit slave
address and a read/write bit. In the addressing mode, the slave ad-
dress written in this register is compared with the address data to be
received immediately after the START condition are detected.
s Bit 0: Read/write bit (RBW)
Not used in the 7-bit addressing mode. In the 10-bit addressing mode,
the first address data to be received is compared with the contents
(SAD6 to SAD0 + RBW) of the I2C address register.
The RBW bit is cleared to “0” automatically when the stop condition
is detected.
s Bits 1 to 7: Slave address (SAD0–SAD6)
These bits store slave addresses. Regardless of the 7-bit address-
ing mode and the 10-bit addressing mode, the address data trans-
mitted from the master is compared with the contents of these bits.
(3) I2C Clock Control Register
The I2C clock control register (address 00DB16) is used to set ACK
control, SCL mode and SCL frequency.
s Bits 0 to 4: SCL frequency control bits (CCR0–CCR4)
These bits control the SCL frequency. Refer to Table 3.
s Bit 5: SCL mode specification bit (FAST MODE)
This bit specifies the SCL mode. When this bit is set to “0,” the stan-
dard clock mode is set. When the bit is set to “1,” the high-speed
clock mode is set.
s Bit 6: ACK bit (ACK BIT)
This bit sets the SDA status when an ACK clockV is generated. When
this bit is set to “0,” the ACK return mode is set and make SDA “L” at
the occurrence of an ACK clock. When the bit is set to “1,” the ACK
non-return mode is set. The SDA is held in the “H” status at the oc-
currence of an ACK clock.
However, when the slave address matches the address data in the
reception of address data at ACK BIT = “0,” the SDA is automatically
made “L” (ACK is returned). If there is a mismatch between the slave
address and the address data, the SDA is automatically made
“H”(ACK is not returned).
VACK clock: Clock for acknowledgement
s Bit 7: ACK clock bit (ACK)
This bit specifies a mode of acknowledgment which is an acknowl-
edgment response of data transmission. When this bit is set to “0,”
the no ACK clock mode is set. In this case, no ACK clock occurs
after data transmission. When the bit is set to “1,” the ACK clock
mode is set and the master generates an ACK clock upon comple-
tion of each 1-byte data transmission.The device for transmitting
address data and control data releases the SDA at the occurrence of
an ACK clock (make SDA “H”) and receives the ACK bit generated
by the data receiving device.
Note: Do not write data into the I2C clock control register during
transmitting. If data is written during transmitting, the I2C clock
generator is reset, so that data cannot be transmitted nor-
mally.
Fig. 15. Structure of I2C address register
SAD6 SAD5 SAD4 SAD3 SAD2 SAD1 SAD0 RBW
Slave address
I2 C address register
(S0D: address 00D816)
Read/write bit
70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com