Electronic Components Datasheet Search
  English  ▼

X  

PE44663 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44663
Description  MMCX Plug Connector Solder Attachment End Launch PCB
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44663 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44663 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44663 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44663 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
MMCX Plug
Connector Specification
BS EN 122340
Connector Interface Type
End Launch
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 6
Impedance, Ohms
50
Maximum VSWR
1.5:1
Maximum Operating Voltage, Volts
170
Mechanical Specifications
Temperature
Operating Range, deg C
-55 to +155
Size
Length, in [mm]
0.346 [8.79]
Width/Dia., in [mm]
0.142 [3.61]
.
Weight, lbs [g]
0.006 [2.72]
Connector
Type
MMCX Plug
Contact Material and Plating
Brass/Beryllium Copper, Gold
Contact Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Gold
Body Plating Specification
3µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
REACH Compliant
06/18/2012
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: MMCX Plug Connector Solder Attachment End Launch PCB PE44663
PE44663
PE44663 REV 1.1
MMCX Plug Connector Solder Attachment End Launch PCB


Similar Part No. - PE44663

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4466 PASTERNACK-PE4466 Datasheet
330Kb / 3P
TNC Female Bulkhead Connector Crimp/Solder Attachment For RG174, RG316, RG188, .480 inch D Hole
PE4466 PASTERNACK-PE4466 Datasheet
420Kb / 3P
TNC Female Bulkhead Mount Connector Crimp/Solder Attachment
PE44660 PASTERNACK-PE44660 Datasheet
226Kb / 3P
MCX Jack Connector Solder Attachment Surface Mount PCB, Switching Connector
PE44661 PASTERNACK-PE44661 Datasheet
228Kb / 3P
MCX Jack Connector Solder Attachment End Launch PCB
PE44662 PASTERNACK-PE44662 Datasheet
229Kb / 3P
MMCX Plug Connector Solder Attachment Surface Mount PCB
More results

Similar Description - PE44663

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44206 PASTERNACK-PE44206 Datasheet
285Kb / 3P
SMA Female Connector Solder Attachment 0.031 inch End Launch PCB
PE44482 PASTERNACK-PE44482 Datasheet
260Kb / 3P
SMP Male Connector Solder Attachment End Launch PCB
PE44490 PASTERNACK-PE44490 Datasheet
267Kb / 3P
Mini SMP Male Connector Solder Attachment End Launch PCB
PE4893 PASTERNACK-PE4893 Datasheet
221Kb / 3P
MCX Jack Connector Solder Attachment 0.042 inch End Launch PCB
PE44616 PASTERNACK-PE44616 Datasheet
210Kb / 2P
BNC Female Connector Solder Attachment End Launch PCB
PE44619 PASTERNACK-PE44619 Datasheet
209Kb / 2P
75 Ohm BNC Female Connector Solder Attachment End Launch PCB
PE44661 PASTERNACK-PE44661 Datasheet
228Kb / 3P
MCX Jack Connector Solder Attachment End Launch PCB
PE44662 PASTERNACK-PE44662 Datasheet
229Kb / 3P
MMCX Plug Connector Solder Attachment Surface Mount PCB
PE44614 PASTERNACK-PE44614 Datasheet
234Kb / 2P
SMA Female Connector Solder Attachment 0.078 inch End Launch PCB
logo
Wurth Elektronik GmbH &...
66012202111305 WURTH-66012202111305 Datasheet
257Kb / 5P
WR-MMCX MMCX PCB End Launch Jack
001.000
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com