Electronic Components Datasheet Search
  English  ▼

X  

PE44675 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44675
Description  N Male Right Angle Connector Crimp-Solder Attachment For PE-C100, RG174, RG316, LMR-100, LMR-100A, LMR-100A-PVC, PE-B100, RG188
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44675 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44675 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44675 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44675 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
N Male Right Angle Connector Crimp/Solder Attachment For PE-C100, RG174, RG316, LMR-100,
LMR-100A, LMR-100A-PVC, PE-B100, RG188
Configuration
Connector
N Male
Connector Interface Type
PE-C100,RG174,RG316,LMR-100,LMR-100A,LMR-
100A-PVC,PE-B100,RG188
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Right Angle
Electrical Specifications
Impedance, Ohms
50
Maximum VSWR
1.2:1
Dielectric Withstanding Voltage, Vrms
2,500
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
1.24 [31.5]
Width/Dia., in [mm]
0.8 [20.32]
Height, in [mm]
1.38 [35.05]
.
Weight, lbs [g]
0.106 [48.08]
Connector
Type
N Male
Mating Cycles
500
Contact Material and Plating
Brass, Gold
Coupling Nut Material and Plating
Brass, Tri-Metal
Body Material and Plating
Brass, Tri-Metal
Dielectric Type
Teflon
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Male Right Angle Connector Crimp/Solder Attachment For PE-C100, RG174, RG316, LMR-
100, LMR-100A, LMR-100A-PVC, PE-B100, RG188 PE44675
PE44675
PE44675 REV 2.1
N Male Right Angle Connector Crimp/Solder
Attachment For PE-C100, RG174, RG316, LMR-100,
LMR-100A, LMR-100A-PVC, PE-B100, RG188


Similar Part No. - PE44675

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4467 PASTERNACK-PE4467 Datasheet
92Kb / 1P
TNC FEMALE BULKHEAD CLAMP ATTACHMENT FOR RG178 &RG196
PE44670 PASTERNACK-PE44670 Datasheet
206Kb / 2P
RP TNC Male Connector Crimp - Solder Attachment For RG8X, PE-C240, LMR-240
PE44671 PASTERNACK-PE44671 Datasheet
208Kb / 2P
RP TNC Female Connector Crimp - Solder Attachment For RG8X, PE-C240, LMR-240
PE44672 PASTERNACK-PE44672 Datasheet
214Kb / 2P
RP TNC Male Connector Crimp - Solder Attachment For PE-C400, 0.400 inch
PE44673 PASTERNACK-PE44673 Datasheet
208Kb / 2P
RP TNC Female Connector Crimp - Solder Attachment For PE-C400, PE-B400, PE-B405, LMR-400, LMR-400-DB, LMR-400-UF
More results

Similar Description - PE44675

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44844 PASTERNACK-PE44844 Datasheet
254Kb / 2P
N Male Right Angle Connector Crimp-Solder Attachment For PE-C200, LMR-200
PE44542 PASTERNACK-PE44542 Datasheet
214Kb / 3P
7/16 DIN Male Right Angle Connector Crimp/Solder Attachment For PE-C400, PE-B400, PE-B405, LMR-400, LMR-400-DB, LMR-400-UF
PE45137 PASTERNACK-PE45137 Datasheet
345Kb / 3P
SMA Female Connector Crimp/Solder Attachment for RG316, RG174, LMR-100
PE44385 PASTERNACK-PE44385 Datasheet
327Kb / 3P
SSMA Female Connector Crimp/Solder Attachment for RG174, RG316, RG188, PE-B100, PE-C100, 0.100 inch, LMR-100
PE45316 PASTERNACK-PE45316 Datasheet
394Kb / 4P
BMA Plug Bulkhead Mount Slide-On Connector Crimp/Solder Attachment for RG316, RG188, RG174, PE-C100, LMR-100A
PE45319 PASTERNACK-PE45319 Datasheet
442Kb / 5P
BMA Jack Snap-On Connector Crimp/Solder Attachment for RG316, RG188, RG174, PE-C100, LMR-100A
PE45321 PASTERNACK-PE45321 Datasheet
466Kb / 5P
BMA Jack Slide-On Connector Crimp/Solder Attachment 2 Hole Flange Mount for RG316, RG188, RG174, LMR-100A, PE-C100-LSZH
PE45368 PASTERNACK-PE45368 Datasheet
387Kb / 5P
SSMC Plug Connector Crimp/Solder Attachment for LMR-100A, RG188, RG174, PE-C100-LSZH, PE-B100, LMR-100A-FR, RG316
PE45382 PASTERNACK-PE45382 Datasheet
381Kb / 5P
SSMC Plug Right Angle Connector Crimp/Solder Attachment for RG316, RG188, RG174, PE-C100-LSZH, PE-B100, LMR-100A-FR, LMR-100A
PE45404H PASTERNACK-PE45404H Datasheet
725Kb / 5P
FAKRA Plug Connector Crimp/Solder Attachment for RG174, RG316, RG188, .100 inch, PE-B100, PE-C100, LMR-100, Violet Color
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com